Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS21 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # STS21
Description  Temperature Sensor IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STS21 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button STS21 Datasheet HTML 3Page - List of Unclassifed Manufacturers STS21 Datasheet HTML 4Page - List of Unclassifed Manufacturers STS21 Datasheet HTML 5Page - List of Unclassifed Manufacturers STS21 Datasheet HTML 6Page - List of Unclassifed Manufacturers STS21 Datasheet HTML 7Page - List of Unclassifed Manufacturers STS21 Datasheet HTML 8Page - List of Unclassifed Manufacturers STS21 Datasheet HTML 9Page - List of Unclassifed Manufacturers STS21 Datasheet HTML 10Page - List of Unclassifed Manufacturers STS21 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Datasheet STS21
www.sensirion.com
Version 2 – December 2011
7/12
In the hold master mode, the STS21 pulls down the SCL
line while measuring to force the master into a wait state.
By releasing the SCL line the sensor indicates that internal
processing is terminated and that transmission may be
continued.
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18
S 1 0 0 1 0 1 0 0
1 1 1 0 0 0 1 1
I2C address + write
Command (see Table 6)
19 20 21 22 23 24 25 26 27
S 1 0 0 1 0 1 0 1
Measurement
I2C address + read
Hold during measurement
28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45
0 1 1 0 0 0 1 1
0 1 0 1 0 0 0 0
Data (MSB)
Data (LSB) Stat.
46 47 48 49 50 51 52 53 54
0 0 0 0 0 1 1 0
P
Checksum
Figure 12 Hold master communication sequence – grey blocks
are controlled by STS21. Bit 45 may be changed to NACK
followed by Stop condition (P) to omit checksum transmission.
In no hold master mode, the MCU has to poll for the
termination of the internal processing of the sensor. This is
done by sending a Start condition followed by the I2C
header (1001‟0101) as shown in Figure 13. If the internal
processing is finished, the sensor acknowledges the poll of
the MCU and data can be read by the MCU. If the
measurement processing is not finished the sensor
answers no ACK bit and the Start condition plus header
byte must be issued once more.
For both modes, since the maximum resolution of a
measurement is 14 bit, the two least significant bits (LSBs,
bits 43 and 44) are used for transmitting status
information. Bit 1 of the two LSBs indicates the
measurement type („0‟: temperature). Bit 0 is currently not
assigned.
In the examples given in Figure 12 and Figure 13 the
sensor output is ST = „0110‟0011‟0101‟0000‟. For the
calculation of physical values Status Bits must be set to „0‟
– see Chapter 6.
The maximum duration for measurements depends on the
type of measurement and resolution chosen – values are
displayed in Table 7. Maximum values shall be chosen for
the communication planning of the MCU.
Please note: I2C communication allows for repeated Start
conditions (S) without closing prior sequence with Stop
condition (P) – compare Figure 12, Figure 13 and Figure
18. Still, any sequence with adjacent Start condition may
alternatively be closed with a Stop condition.
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18
S 1 0 0 1 0 1 0 0
1 1 1 1 0 0 1 1
I2C address + write
Command (see Table 6)
19 20 21 22 23 24 25 26 27
Measurement
S 1 0 0 1 0 1 0 1
measuring
I2C address + read
19 20 21 22 23 24 25 26 27
Measurement
S 1 0 0 1 0 1 0 1
continue measuring
I2C address + read
28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45
0 1 1 0 0 0 1 1
0 1 0 1 0 0 0 0
Data (MSB)
Data (LSB) Stat.
46 47 48 49 50 51 52 53 54
0 0 0 0 0 1 1 0
P
Checksum
Figure 13 No Hold master communication sequence – grey
blocks are controlled by STS21. If measurement is not
completed upon “read” command, sensor does not provide ACK
on bit 27 (more of these iterations are possible). If bit 45 is
changed to NACK followed by Stop condition (P) checksum
transmission is omitted.
Resolution
T typ
T max
Units
14 bit
66
85
ms
13 bit
33
43
ms
12 Bit
17
22
ms
11 bit
9
11
ms
Table 7 Measurement times for T measurements at different
resolutions. Typical values are recommended for calculating
energy consumption while maximum values shall be applied for
calculating waiting times in communication.
5.5
Soft Reset
This command (see Table 6) is used for rebooting the
sensor system without switching the power off and on
again. Upon reception of this command, the sensor
system reinitializes and starts operation according to the
default settings – with the exception of the heater bit in the
user register (see Sect. 5.6). The soft reset takes less than
15ms.
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18
S 1 0 0 1 0 1 0 0
1 1 1 1 1 1 1 0
P
I2C address + write
Soft Reset
Figure 14 Soft Reset – grey blocks are controlled by STS21.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com