Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS21 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # STS21
Description  Temperature Sensor IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STS21 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button STS21 Datasheet HTML 4Page - List of Unclassifed Manufacturers STS21 Datasheet HTML 5Page - List of Unclassifed Manufacturers STS21 Datasheet HTML 6Page - List of Unclassifed Manufacturers STS21 Datasheet HTML 7Page - List of Unclassifed Manufacturers STS21 Datasheet HTML 8Page - List of Unclassifed Manufacturers STS21 Datasheet HTML 9Page - List of Unclassifed Manufacturers STS21 Datasheet HTML 10Page - List of Unclassifed Manufacturers STS21 Datasheet HTML 11Page - List of Unclassifed Manufacturers STS21 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Datasheet STS21
www.sensirion.com
Version 2 – December 2011
10/12
8.4
Shipping Package
STS21 are provided in tape & reel shipment packaging,
sealed into antistatic ESD bags. Standard packaging sizes
are 400, 1500 and 5000 units per reel. For STS21, each
reel contains 440mm (55 pockets) header tape and
200mm (25 pockets) trailer tape.
The drawing of the packaging tapes with sensor
orientation is shown in Figure 19. The reels are provided in
sealed antistatic bags.
Figure 19 Sketch of packaging tape and sensor orientation.
Header tape is to the right and trailer tape to the left on this
sketch.
8.0
2.0
4.0
0.3
1.3
R0.3 MAX
R0.25
Ø0.15 MIN
Ø0.15 MIN
3.3
0.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com