Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4812IP Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML4812IP
Description  Power Factor Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4812IP Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML4812IP Datasheet HTML 1Page - Micro Linear Corporation ML4812IP Datasheet HTML 2Page - Micro Linear Corporation ML4812IP Datasheet HTML 3Page - Micro Linear Corporation ML4812IP Datasheet HTML 4Page - Micro Linear Corporation ML4812IP Datasheet HTML 5Page - Micro Linear Corporation ML4812IP Datasheet HTML 6Page - Micro Linear Corporation ML4812IP Datasheet HTML 7Page - Micro Linear Corporation ML4812IP Datasheet HTML 8Page - Micro Linear Corporation ML4812IP Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ML4812
4
ELECTRICAL CHARACTERISTICS (Continued)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
GAIN MODULATOR
ISINE Input Voltage
ISINE = 500µA
0.4
0.7
0.9
V
Output Current (GM OUT)
ISINE = 500µA, EA– = VREF –20mV
430
470
510
µA
ISINE = 500µA, EA– = VREF + 20mV
3
10
µA
ISINE = 1mA, EA– = VREF – 20mV
860
940
1020
µA
ISINE = 500µA, EA– = VREF – 20mV,
455
µA
IRAMP COMP = 50µA
Bandwidth
200
kHz
PSRR
12V < VCC < 25V
70
dB
OVP COMPARATOR
Input Offset Voltage
Output Off
–25
+5
mV
Hysteresis
Output On
95
105
115
mV
Input Bias Current
–0.3
–3
µA
Propagation Delay
150
ns
PWM COMPARATOR: ISENSE
Input Offset Voltage
±15
mV
Input Offset Current
±1
µA
Input Common Mode Range
–0.2
5.5
V
Input Bias Current
–2
–10
µA
Propagation Delay
150
ns
ILIMIT Trip Point
VGM OUT = 5.5V
4.8
5
5.2
V
OUTPUT
Output Voltage Low
IOUT = –20mA
0.1
0.4
V
IOUT = –200mA
1.6
2.2
V
Output Voltage High
IOUT = 20mA
13
13.5
V
IOUT = 200mA
12
13.4
V
Output Voltage Low in UVLO
IOUT = –5mA, VCC = 8V
0.1
0.8
V
Output Rise/Fall Time
CL = 1000pF
50
ns
Shutdown
VIH
2.0
V
VIL
0.8
V
IIL, VSHDN = 0V
–1.5
mA
IIH, VSHDN = 5V
10
µA
UNDER-VOLTAGE LOCKOUT
Startup Threshold
15
16
17
V
Shutdown Threshold
9
10
11
V
VREF Good Threshold
4.4
V
SUPPLY
Supply Current
Start-Up, VCC = 14V, TJ = 25°C
0.8
1.2
mA
Operating, TJ = 25°C
20
25
mA
Internal Shunt Zener Voltage
ICC = 30mA
25
30
34
V
Note 1: Limits are guaranteed by 100% testing, sampling, or correlation with worst-case test conditions.
Note 2: VCC is raised above the Startup Threshold first to activate the IC, then returned to 15V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com