Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4812IP Datasheet(PDF) 8 Page - Micro Linear Corporation

Part # ML4812IP
Description  Power Factor Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4812IP Datasheet(HTML) 8 Page - Micro Linear Corporation

Back Button ML4812IP Datasheet HTML 4Page - Micro Linear Corporation ML4812IP Datasheet HTML 5Page - Micro Linear Corporation ML4812IP Datasheet HTML 6Page - Micro Linear Corporation ML4812IP Datasheet HTML 7Page - Micro Linear Corporation ML4812IP Datasheet HTML 8Page - Micro Linear Corporation ML4812IP Datasheet HTML 9Page - Micro Linear Corporation ML4812IP Datasheet HTML 10Page - Micro Linear Corporation ML4812IP Datasheet HTML 11Page - Micro Linear Corporation ML4812IP Datasheet HTML 12Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ML4812
8
The recommended maximum duty cycle is 95% at
100KHz to allow time for the input inductor to dump its
energy to the output capacitors. For example, if: VOUT =
380V and DON (max) = 0.95, then substituting in (3)
yields VINDRY = 20V. The effect of drying out is an
increase in distortion at low voltages.
For a given output power, the instantaneous value of the
input current is a function of the input sinusoidal voltage
waveform, i.e. as the input voltage sweeps from zero volts
to a maximum value equal to its peak so does the current.
The load of the power factor regulator is usually a
switching power supply which is essentially a constant
power load. As a result, an increase in the input voltage
will be offset by a decrease in the input current.
By combining the ideas set forth above, some ground
rules can be obtained for the selection and design of the
input inductor:
Step 1: Find minimum operating current.
I
P
V
IN
PEAK
IN
IN
(min)
.(min)
(max)
=
´
1414
(4)
VIN(max) = 260V
PIN(min) = 50W
then:
IIN(min)PEAK = 0.272A
Step 2: Choose a minimum current at which point the
inductor current will be on the verge of drying
out. For this example 40% of the peak current
found in step 1 was chosen.
then:
ILDRY = 100mA
Step 3: The value of the inductance can now be found
using previously calculated data.
L
VD
If
V
mA
KHz
mH
INDRY
ON
LDRY
OSC
1
20
0 95
100
100
2
=
´
´
=
´
´
=
(max)
.
(5)
The inductor can be allowed to decrease in value when
the current sweeps from minimum to maximum value.
This allows the use of smaller core sizes. The only
requirement is that the ramp compensation must be
adequate for the lower inductance value of the core so
that there is adequate compensation at high current.
Step 4: The presence of the ramp compensation will
change the dry out point, but the value found
above can be considered a good starting point.
Based on the amount of power factor correction
the above value of L1 can be optimized after a
few iterations.
Gapped Ferrites, Molypermalloy, and Powdered Iron
cores are typical choices for core material. The core
material selected should have a high saturation point and
acceptable losses at the operating frequency.
One ferrite core that is suitable at around 200W is the
#4119PL00-3C8 made by Philips Components
(Ferroxcube). This ungapped core will require a total gap
of 0.180" for this application.
OSCILLATOR COMPONENT SELECTION
The oscillator timing components can be calculated by
using the following expression:
f
RC
OSC
TT
=
´
136
.
(6)
For example:
Step 1: At 100kHz with 95% duty cycle TOFF = 500ns
calculate CT using the following formula:
C
TI
V
pF
T
OFF
DIS
OSC
=
´
= 1000
(7)
Step 2: Calculate the required value of the timing
resistor.
R
fC
KHz
pF
k choose R
k
T
OSC
T
T
=
´
=
´
=W
=
W
136
136
100
1000
136
14
..
.
(8)
TYPICAL APPLICATIONS (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com