Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4812IP Datasheet(PDF) 6 Page - Micro Linear Corporation

Part # ML4812IP
Description  Power Factor Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4812IP Datasheet(HTML) 6 Page - Micro Linear Corporation

Back Button ML4812IP Datasheet HTML 2Page - Micro Linear Corporation ML4812IP Datasheet HTML 3Page - Micro Linear Corporation ML4812IP Datasheet HTML 4Page - Micro Linear Corporation ML4812IP Datasheet HTML 5Page - Micro Linear Corporation ML4812IP Datasheet HTML 6Page - Micro Linear Corporation ML4812IP Datasheet HTML 7Page - Micro Linear Corporation ML4812IP Datasheet HTML 8Page - Micro Linear Corporation ML4812IP Datasheet HTML 9Page - Micro Linear Corporation ML4812IP Datasheet HTML 10Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ML4812
6
OUTPUT DRIVER STAGE
The ML4812 output driver is a 1A peak output high speed
totem pole circuit designed to quickly drive capacitive
loads, such as power MOSFET gates. (Figure 3)
ERROR AMPLIFIER
The ML4812 error amplifier is a high open loop gain,
wide bandwidth, amplifier.(Figures 4-5)
GAIN MODULATOR
The ML4812 gain modulator is of the current-input type
to provide high immunity to the disturbances caused by
high power switching. The rectified line input sine wave is
converted to a current via a dropping resistor. In this way,
small amounts of ground noise produce an insignificant
effect on the reference to the PWM comparator. The
output of the gain modulator is a current of the form: IOUT
is proportional to ISINE × IEA, where ISINE is the current in
the dropping resistor, and IEA is a current proportional to
FUNCTIONAL DESCRIPTION (Continued)
Figure 5. Error Amplifier Open-Loop Gain and
Phase vs Frequency
Figure 7. Gain Modulator Linearity
5V
EA–
4
3
–
+
8V
0.5mA
EA OUT
Figure 4. Error Amplifier Configuration
the output of the error amplifier. When the error amplifier
is saturated high, the output of the gain modulator is
approximately equal to the ISINE input current. The gain
modulator output current is converted into the reference
voltage for the PWM comparator through a resistor to
ground on the gain modulator output. The gain modulator
output is clamped to 5V to provide current limiting.
Ramp compensation is accomplished by subtracting 1/2
of the current flowing out of RAMP COMP through a
buffer transistor driven by CT which is set by an external
resistor.
UNDER VOLTAGE LOCKOUT
On power-up the ML4812 remains in the UVLO
condition; output low and quiescent current low. The IC
becomes operational when VCC reaches 16V. When VCC
drops below 10V, the UVLO condition is imposed.
During the UVLO condition, the 5V VREF pin is “off”,
making it usable as a “flag” for starting up a downstream
PWM converter.
6
2
7
16
CT
RAMP COMP
GM OUT
ISINE
ERROR CURRENT
9V
5V
IRAMP COMP
ISINE × ERROR CURRENT
– IRAMP COMP/2
Figure 6. Gain Modulator Block Diagram
500
400
300
200
100
0
SINE INPUT CURRENT (µA)
0
200
300
500
400
100
4.5
4.0
3.5
3.0
2.5
2.0
1.5
FREQUENCY (Hz)
10
1k
1M
100
10k
10M
100k
100
80
60
40
20
0
-20
0
-30
-60
-90
-120
-150
-180
GAIN
PHASE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com