Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4812IP Datasheet(PDF) 11 Page - Micro Linear Corporation

Part # ML4812IP
Description  Power Factor Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4812IP Datasheet(HTML) 11 Page - Micro Linear Corporation

Back Button ML4812IP Datasheet HTML 7Page - Micro Linear Corporation ML4812IP Datasheet HTML 8Page - Micro Linear Corporation ML4812IP Datasheet HTML 9Page - Micro Linear Corporation ML4812IP Datasheet HTML 10Page - Micro Linear Corporation ML4812IP Datasheet HTML 11Page - Micro Linear Corporation ML4812IP Datasheet HTML 12Page - Micro Linear Corporation ML4812IP Datasheet HTML 13Page - Micro Linear Corporation ML4812IP Datasheet HTML 14Page - Micro Linear Corporation ML4812IP Datasheet HTML 15Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ML4812
11
TYPICAL APPLICATIONS (Continued)
MAGNETICS TIPS
L1 — Main Inductor
As shown in Table 1, one of several toroidal cores can be
used for L1. The T184-40 core above is the most
economical, but has lower inductance at high current.
This would yield higher ripple current and require more
line EMI filtering. The value for RSC (slope compensation
resistor on RAMP COMP) was calculated for the T225-8/
90 and should be recalculated for other inductor
characteristics. The various core manufacturers have a
range of applications literature available. A gapped ferrite
core can also be used in place of the powdered iron core.
One such core is a Philips Components (Ferroxcube) core
#4229PL00-3C8. This is an ungapped core. Using 145
turns of #24 AWG wire, a total air gap of 0.180" is
required to give a total inductance of about 2mH. Since
1/2 of the gap will be on the outside of the core and 1/2
the gap on the inside, putting a 0.09" spacer in the center
will yield a 0.180" total gap. To prevent leakage fields
from generating RFI, a shorted turn of copper tape should
be wrapped around the gap as shown in Figure 11. For
production, a gapped center leg can be ordered from most
core vendors, eliminating the need for the external
shorted copper turn when using a potentiometer core.
COPPER FOIL
SHORTED TURN
0.09" GAP
Figure 11. Copper Foil Shorted Turn
MATERIAL
MANUFACTURER
PART #
TURNS (#24AWG)
Powdered Iron
Micrometals
T225-8/90
200
Powdered Iron
Micrometals
T184-40
120
Molypermalloy
SPANG (Mag. Inc.)
58076-A2 (high flux)
180
Table 1. Toroidal Cores (L1)
T1 — Sense Transformer
In addition to the core type mentioned in the parts list, the
following Siemens cores should be suitable for
substitution and may be more readily available in Europe.
MATERIAL
SIZE CODE
PART #
N27
R16/6.3
B64290-K45-X27
N30
R16/6.3
B64290-K45-X830
The N27 material is for high frequency and will work
better above 100KHz but both are adequate. In addition,
Philips Components (Ferroxcube) core 768T188-3C8 can
be used. Please also refer to the list of core vendors below
SPANG/Magnetics Inc.
1 (800) 245-3984, or
(412) 282-8282
Micrometals
1 (800) 356-5977
Philips Components
(914) 247-2064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com