Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4812IP Datasheet(PDF) 10 Page - Micro Linear Corporation

Part # ML4812IP
Description  Power Factor Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4812IP Datasheet(HTML) 10 Page - Micro Linear Corporation

Back Button ML4812IP Datasheet HTML 6Page - Micro Linear Corporation ML4812IP Datasheet HTML 7Page - Micro Linear Corporation ML4812IP Datasheet HTML 8Page - Micro Linear Corporation ML4812IP Datasheet HTML 9Page - Micro Linear Corporation ML4812IP Datasheet HTML 10Page - Micro Linear Corporation ML4812IP Datasheet HTML 11Page - Micro Linear Corporation ML4812IP Datasheet HTML 12Page - Micro Linear Corporation ML4812IP Datasheet HTML 13Page - Micro Linear Corporation ML4812IP Datasheet HTML 14Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ML4812
10
Choose 4.75k
Ω, 1%. One more critical component in the
voltage regulation loop is the feedback capacitor for the
error amplifier. The voltage loop bandwidth should be set
such that it rejects the 120Hz ripple which is present at
the output. If this ripple is not adequately attenuated it
will cause distortion on the input current waveform.
Typical bandwidths range anywhere from a few Hertz to
15Hz. The main compromise is between transient
response and distortion. The feedback capacitor can be
calculated using the following formula:
C
RBW
C
kHz
F
F
F
=
´´
=
´´
=m
1
3142
1
3142 356
2
044
1
.
.
.
Ω
(19)
OVERVOLTAGE PROTECTION (OVP) COMPONENTS
The OVP loop should be set so that there is no interaction
with the voltage control loop. Typically it should be set to
a level where the power components are safe to operate.
Ten to fifteen volts above VOUT is generally a good
setpoint. This sets the maximum transient output voltage
to about 395V. By choosing the high voltage side resistor
of the OVP circuit the same way as above i.e. R4 = 356K
then R5 can be calculated as:
R
VR
VV
Vk
VV
k
REF
OVP
REF
5
4
5356
395
5
4564
=
´
-
=
´
-
=
Ω
Ω
.
(20)
Choose 4.53k
Ω, 1%. Note that R1, R2, R4 and R5 should
be tight tolerance resistors such as 1% or better.
CONTROLLER SHUTDOWN
The ML4812 provides a shutdown pin which could be
used to shutdown the IC. Care should be taken when this
pin is used because power supply sequencing problems
could arise if another regulator with its own bootstrapping
follows the ML4812. In such a case a special circuit
should be used to allow for orderly start up. One way to
accomplish this is by using the reference voltage of the
ML4812 to inhibit the other controller IC or to shut down
its bias supply current.
OFF-LINE START-UP AND BIAS SUPPLY GENERATION
The ML4812 can be started using a “bleed resistor” from
the high voltage bus. After the voltage on VCC exceeds
16V, the IC starts up. The energy stored on the 330µF,
C15, capacitor supplies the IC with running power until
the supplemental winding on L1 can provide the power to
sustain operation.
The values of the start-up resistor R10 and capacitor C15
may need to be optimized depending on the application.
The charging waveform for the secondary winding of L1 is
an inverted chopped sinusoid which reaches its peak
when the line voltage is at its minimum. In this example,
C9 = 0.1µF, C15 = 330µF, D8 = 1N4148, R10 = 39k
Ω,
2W.
ENHANCEMENT CIRCUIT
The power factor enhancement circuit shown in Figure 12
is described in detail in Application Note 11. It improves
the power factor and lowers the input current harmonics.
Note that the circuit meets IEC 1000-3-2 specifications
(with the enhancement) on the harmonics by a large
margin while correcting the input power factor to better
than 0.99 under most steady state operating conditions.
CONSTRUCTION AND LAYOUT TIPS
High frequency power circuits require special care during
breadboard construction and layout. Double sided printed
circuit boards with ground plane on one side are highly
recommended. All critical switching leads (power FET,
output diode, IC output and ground leads, bypass
capacitors) should be kept as small as possible. This is to
minimize both the transmission and pick-up of switching
noise.
There are two kinds of noise coupling; inductive and
capacitive. As the name implies inductive coupling is due
to fast changing (high di/dt) circulating switching currents.
The main source is the loop formed by Q1, D5, and
C3–C4. Therefore this loop should be as small as possible,
and the above capacitors should be good high frequency
types.
The second form of noise coupling is due to fast changing
voltages (high dv/dt). The main source in this case is the
drain of the power FET. The radiated noise in this case can
be minimized by insulating the drain of the FET from the
heatsink and then tying the heatsink to the source of the
FET with a high frequency capacitor (CH in Figure 12).
The IC has two ground pins named PWR GND and Signal
GND. These two pins should be connected together with
a very short lead at the printed circuit board exit point. In
general grounding is very important and ground loops
should be avoided. Star grounding or ground plane
techniques are preferred.
TYPICAL APPLICATIONS (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com