Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS60310 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60310
Description  SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60310 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS60310 Datasheet HTML 3Page - Texas Instruments TPS60310 Datasheet HTML 4Page - Texas Instruments TPS60310 Datasheet HTML 5Page - Texas Instruments TPS60310 Datasheet HTML 6Page - Texas Instruments TPS60310 Datasheet HTML 7Page - Texas Instruments TPS60310 Datasheet HTML 8Page - Texas Instruments TPS60310 Datasheet HTML 9Page - Texas Instruments TPS60310 Datasheet HTML 10Page - Texas Instruments TPS60310 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
TPS60310, TPS60311, TPS60312, TPS60313
SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT,
HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
SLVS362A – MAY 2001 – REVISED AUGUST 2001
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at CIN = C1F = C2F = C(OUT1) = C(OUT2) = 1 µF, TC = –40°C to 85°C,
VIN = 1 V, V(SNOOZE) = VIN (unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Short circuit current
V1 8 V
VO(OUT2) = 0 V
5
20
50
mA
Short circuit current
VIN = 1.8 V
VO(OUT1) = 0 V
2
80
150
mA
Output load regulation
VIN = 1.25 V,
TC = 25°C
2 mA < IO(OUT2) < 20 mA
0.1
%/mA
Output line regulation
1 V < VIN < 1.65 V, TC = 25°C,
IO(OUT) = 10 mA
0.75
%/V
Output line regulation
1 V < VIN < 1.65 V, TC = 25°C,
IO(OUT2) = 1 mA, V(SNOOZE) = 0 V
1
%/V
No load start-up time
400
µs
Impedance of first charge pump stage
4.0
Ω
St t
f
t OUT2 ( i i
t t
l
d
VIN ≥ 1.1 V
165
Start-up performance at OUT2 (minimum start-up load
resistance)
VIN ≥ 1 V
330
Ω
resistance)
VIN = 0.9 V
1000
Ω
Startup performance at OUT1 (minimum start-up load
resistance)
VIN = 1 V
500
Ω
electrical characteristics for power good comparator of devices TPS6031X at TC = –40°C to 85°C,
VIN = 1 V and V(SNOOZE) = VIN (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(PG)
Power-good trip voltage
VO ramping positive
VO – 1%
VO
V
Vhys
Power-good trip voltage hysteresis
VO ramping negative
10%
VOL
Power-good output voltage low
VO = 0 V, I(PG) = 1.6 mA
0.3
V
I
Power good leakage current
TPS60310
VO = 3.3 V, V(PG) = 3.3 V
0.01
0.1
A
Ilkg
Power-good leakage current
TPS60311
VO = 3 V, V(PG) = 3 V
0.01
0.1
µA
V
Power good output voltage high
TPS60312
I
5mA
3
V
VOH
Power-good output voltage high
TPS60313
IO(PG) = –5 mA
2.7
V
IO(PG,1) Output current at power good (source)
TPS60312,
TPS60313
–5
mA
IO(PG,0) Output current at power good (sink)
All devices
V(PG) = 0 V
1.6
mA
R(PG,1)
Output resistance at power good
TPS60312,
TPS60313
V(PG) = VO(OUT2)
15
Ω
R(PG,0)
Out ut resistance at ower good
All devices
V(PG) = 0 V
100
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com