Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS60310 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60310
Description  SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60310 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS60310 Datasheet HTML 5Page - Texas Instruments TPS60310 Datasheet HTML 6Page - Texas Instruments TPS60310 Datasheet HTML 7Page - Texas Instruments TPS60310 Datasheet HTML 8Page - Texas Instruments TPS60310 Datasheet HTML 9Page - Texas Instruments TPS60310 Datasheet HTML 10Page - Texas Instruments TPS60310 Datasheet HTML 11Page - Texas Instruments TPS60310 Datasheet HTML 12Page - Texas Instruments TPS60310 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
TPS60310, TPS60311, TPS60312, TPS60313
SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT,
HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
SLVS362A – MAY 2001 – REVISED AUGUST 2001
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 3
IO – Output Current – mA
0
20
40
60
80
100
120
140
010
20
30
40
VI = 1.25 V
VI = 1.8 V
VI = 0.9 V
TPS60310
SUPPLY CURRENT
vs
OUTPUT CURRENT
Figure 4
VI – Input Voltage – V
20
22
24
26
28
30
32
34
36
0.80
1
1.20
1.40
1.60
1.80
2
TA = –40°C
TA = 25°C
TA = 85°C
TPS6031X
QUIESCENT CURRENT
vs
INPUT VOLTAGE
V(Snooze) = VI
Figure 5
IO – Output Current (OUT2) – mA
2.6
2.8
3
3.2
3.4
0
10
20
30
40
VI = 1.8 V
VI = 1.25 V
VI = 1.1 V
VI = 0.9 V
TPS60310, TPS60312
OUTPUT VOLTAGE (OUT2)
vs
OUTPUT CURRENT (OUT2)
Figure 6
2.6
2.7
2.8
2.9
3
3.1
3.2
010
20
30
40
VI = 1.25 V
VI = 1.8 V
VI = 1.1 V
VI = 0.9 V
TPS60311, TPS60313
OUTPUT VOLTAGE (OUT2)
vs
OUTPUT CURRENT (OUT2)
IO – Output Current (OUT2) – mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com