Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS60310 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60310
Description  SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60310 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS60310 Datasheet HTML 12Page - Texas Instruments TPS60310 Datasheet HTML 13Page - Texas Instruments TPS60310 Datasheet HTML 14Page - Texas Instruments TPS60310 Datasheet HTML 15Page - Texas Instruments TPS60310 Datasheet HTML 16Page - Texas Instruments TPS60310 Datasheet HTML 17Page - Texas Instruments TPS60310 Datasheet HTML 18Page - Texas Instruments TPS60310 Datasheet HTML 19Page - Texas Instruments TPS60310 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
TPS60310, TPS60311, TPS60312, TPS60313
SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT,
HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
SLVS362A – MAY 2001 – REVISED AUGUST 2001
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
output filter design (continued)
Due to R(PG,1), an output filter can easily be formed with an output capacitor (CPG). Cutoff frequency is given
by:
ƒc +
1
2
pR
(PG,1)
C
PG
(1)
V
(PG,1)
V
O(OUT2)
+
1
1
) 2pƒR
(PG,1)
C
PG
2
and ratio VO/VI for the ac ripple is:
(2)
with R(PG,1) = 15 Ω, CPG = 0.1 µF, and f = 600 kHz (at nominal switching frequency)
V
(PG,1)
V
O(OUT2)
+ 0.175
(3)
Load current sourced by power-good output reduces maximum output current at OUT2. During start-up
(power-good going high) current charging CPG discharges C(OUT2). Therefore, CPG must not be larger than CPG
≤ 0.1 C(OUT2) or the device does not start. By charging CPG through C(OUT2), the output voltage at OUT2
decreases. If the capacitance of CPG is to large, the circuit detects power bad. The power-good output goes low
and discharges CPG. Then the cycle starts again. Figure 24 shows a configuration with an LC-post filter to further
reduce output ripple and noise.
OUT1
5
+
C(OUT1)
1
µF
OUT2
6
C(OUT2)
1
µF
R1
10
PG
VIN
3
CIN
1
µF
INPUT
0.9 V to 1.8 V
1
SNOOZE
ON/OFF
GND
9
TPS60310
PG
7
8
C2F
1
µF
C2+
C2–
C1+
C1–
C1F
1
µF
4
2
LP
CP
VP(OUT)
++
Figure 24. LC-Post Filter
Table 4. Recommended Values for Lowest Output Voltage Ripple
VIN
IO(OUT2)
CIN[µF]
CXF[µF]
COUT[µF]
L[ H]
CP[µF]
VP(OUT)
VIN
[V]
IO(OUT2)
[mA]
CIN[µF]
CERAMIC
CXF[µF]
CERAMIC
COUT[µF]
CERAMIC
LP[µH]
CP[µF]
CERAMIC
VP(OUT)
VP–P[mV]
0.9
…1.8
20
1
1
1
0.1
0.1 (X7R)
16
0.9
…1.8
20
1
1
1
0.1
1 // 0.1 (X7R)
12
0.9
…1.8
20
1
1
1
1
0.1 (X7R)
14
0.9
…1.8
20
1
1
1
1
1 // 0.1 (X7R)
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com