Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS60310 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60310
Description  SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60310 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS60310 Datasheet HTML 4Page - Texas Instruments TPS60310 Datasheet HTML 5Page - Texas Instruments TPS60310 Datasheet HTML 6Page - Texas Instruments TPS60310 Datasheet HTML 7Page - Texas Instruments TPS60310 Datasheet HTML 8Page - Texas Instruments TPS60310 Datasheet HTML 9Page - Texas Instruments TPS60310 Datasheet HTML 10Page - Texas Instruments TPS60310 Datasheet HTML 11Page - Texas Instruments TPS60310 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
TPS60310, TPS60311, TPS60312, TPS60313
SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT,
HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
SLVS362A – MAY 2001 – REVISED AUGUST 2001
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
η
Efficiency
vs Output current (TPS60310 and TPS60311)
1, 2
IS
Supply current
vs Output current
3
IQ
Quiescent current
vs Input voltage
4
VO(OUT2)
Output voltage at OUT2
vs Output current (TPS60310 and TPS60311)
5, 6
VO(OUT1)
Output voltage at OUT1
vs Output current at 25
°C, VI = 0.9 V, 1.1 V, 1.25 V, 1.4 V, 1.6 V, 1.8 V
7
VO(OUT2)
Output voltage at OUT2
vs Input voltage (TPS60310 and TPS60311)
8, 9
VO(OUT1)
Output voltage at OUT1
vs Input voltage (TPS60310 and TPS60311)
10
VO(OUT2)
Output voltage at OUT2
vs Free-air temperature (TPS60310, TPS60312, TPS60311, and TPS60313)
11, 12
VO(OUT2)
Output voltage ripple at OUT2
13
Minimum input voltage
vs Output current for TPS60310, TPS60312, TPS60311, and TPS60313
14, 15
Start-up timing enable
16
Switching frequency
vs Input voltage
17
Load transient response
18
Line transient response
19
VO
Output voltage
vs Time
20
Output voltage ripple in Snooze mode
21
TYPICAL CHARACTERISTICS
Figure 1
IO – Output Current – mA
0
10
20
30
40
50
60
70
80
90
0.1
1
10
100
VI = 0.9 V
VI = 1.25 V
VI = 1.8 V
TPS60310, TPS60312
EFFICIENCY
vs
OUTPUT CURRENT
V(Snooze) = VI
Figure 2
IO – Output Current – mA
0
10
20
30
40
50
60
70
80
90
0.1
1
10
100
VI = 0.9 V
VI = 1.25 V
VI = 1.8 V
TPS60311, TPS60313
EFFICIENCY
vs
OUTPUT CURRENT
V(Snooze) = VI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com