Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS60310 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60310
Description  SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60310 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS60310 Datasheet HTML 6Page - Texas Instruments TPS60310 Datasheet HTML 7Page - Texas Instruments TPS60310 Datasheet HTML 8Page - Texas Instruments TPS60310 Datasheet HTML 9Page - Texas Instruments TPS60310 Datasheet HTML 10Page - Texas Instruments TPS60310 Datasheet HTML 11Page - Texas Instruments TPS60310 Datasheet HTML 12Page - Texas Instruments TPS60310 Datasheet HTML 13Page - Texas Instruments TPS60310 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
TPS60310, TPS60311, TPS60312, TPS60313
SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT,
HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
SLVS362A – MAY 2001 – REVISED AUGUST 2001
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 7
VI = 1.25 V
1.5
2
2.5
3
3.5
4
020
40
60
VI = 1.8 V
VI = 1.6 V
VI = 1.4 V
VI = 1.1 V
VI = 0.9 V
TPS60310, TPS60312
OUTPUT VOLTAGE (OUT1)
vs
OUTPUT CURRENT (OUT1)
IO – Output Current (OUT1) – mA
Figure 8
VI – Input Voltage – V
3
3.05
3.1
3.15
3.2
3.25
3.3
3.35
0.8
1
1.2
1.4
1.6
1.8
IO(OUT2) = 20 mA
IO(OUT2) = 0.1 mA
IO(OUT2) = 1 mA
IO(OUT2) = 10 mA
TPS60310, TPS60312
OUTPUT VOLTAGE (OUT2)
vs
INPUT VOLTAGE
Figure 9
2.85
2.9
2.95
3
3.05
3.1
0.8
1
1.2
1.4
1.6
1.8
IO(OUT2) = 0.1 mA
IO(OUT2) = 1 mA
IO(OUT2) = 10 mA
IO(OUT2) = 20 mA
VI – Input Voltage – V
TPS60310, TPS60312
OUTPUT VOLTAGE (OUT2)
vs
INPUT VOLTAGE
Figure 10
1.5
2
2.5
3
3.5
0.8
1
1.2
1.4
1.6
1.8
IO(OUT1) = 0.1 mA
IO(OUT1) = 40 mA
IO(OUT1) = 10 mA
VI – Input Voltage – V
TPS6031x
OUTPUT VOLTAGE (OUT1)
vs
INPUT VOLTAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com