Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6460CS Datasheet(PDF) 19 Page - Micro Linear Corporation

Part # ML6460CS
Description  NTSC Video Encoder with Macrovision
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6460CS Datasheet(HTML) 19 Page - Micro Linear Corporation

Back Button ML6460CS Datasheet HTML 15Page - Micro Linear Corporation ML6460CS Datasheet HTML 16Page - Micro Linear Corporation ML6460CS Datasheet HTML 17Page - Micro Linear Corporation ML6460CS Datasheet HTML 18Page - Micro Linear Corporation ML6460CS Datasheet HTML 19Page - Micro Linear Corporation ML6460CS Datasheet HTML 20Page - Micro Linear Corporation ML6460CS Datasheet HTML 21Page - Micro Linear Corporation ML6460CS Datasheet HTML 22Page - Micro Linear Corporation ML6460CS Datasheet HTML 23Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
ML6460
19
FUNCTIONAL DESCRIPTION (Continued)
SLAVE/MASTER, B28
This bit determines if device
operates in master or slave modes. Configuration of
HSYNC, VSYNC and FIELD are determined upon
selection of this bit. Table 3 provides a summary of Slave
/ Master modes. When this bit is set (B28=1), the
ML6460 is in slave mode. When this bit is cleared
(B28=0), the ML6460 is in master mode. Special note for
slave modes: this bit (B28) along with the
SLAVE_MODE bit (B26) selects between internal
(B26=1) and external slave modes (B26=0).
SELCCIR, B27
This bit determines the frequency of
choice between CCIR656 clock rate(27MHz) and Square
Pixel clock rate (24.54MHz). When this bit is set
(B27=1), CCIR656 clock rate is selected. When this bit is
cleared (B27=0), the Square Pixel clock rate is selected.
SLAVE_MODE, B26
This bit determines the choice of
two slave modes: internal slave mode or external slave
mode. In internal slave mode (B26=1), horizontal and
vertical timing information is embedded in the YCrCb
data (via SAV / EAV codes); while the HSYNC and
VSYNC pins can be used as outputs. In external slave
mode (B26=0), horizontal and vertical sync pulses must
be provided for timing and synchronization;in this case
HSYNC and VSYNC pins are inputs. See Table 3.
HRESET_MODE, B25
This bit determines whether the
HSYNC is given at the beginning of active video (B25=1)
or HSYNC is given at the beginning of blanking (B25=0).
This bit (B25) is only available for external slave modes.
Figure 13. Closed Caption on Line 21 and Line 284.
BLANK
LEVEL
SYNC
LEVEL
S
T
A
R
T
A0 ~ A6
A8 ~ A14
A7
A15
LINE 21
50 ±2 IRE
3.58MHz
COLOR
BURST
7 CYCLES
40 IRE
10.003
±0.25µs
27.382µs
33.764µs
10.5
±0.25µs
12.91µs
TWO: 7 BIT + PARITY BIT
Closed Caption on Line21
[CC_21 = 1 and CC_284 = 0]
BLANK
LEVEL
SYNC
LEVEL
S
T
A
R
T
A0 ~ A6
A8 ~ A14
A7
A15
LINE 284
50 ±2 IRE
3.58MHz
COLOR
BURST
7 CYCLES
40 IRE
10.003
±0.25µs
27.382µs
33.764µs
10.5
±0.25µs
12.91µs
TWO: 7 BIT + PARITY BIT
Closed Caption on Line284
[CC_21 = 0 and CC_284 = 1]
BLANK
LEVEL
SYNC
LEVEL
S
T
A
R
T
A0 ~ A6
A8 ~ A14
A7
A15
LINE 21
50 ±2 IRE
3.58MHz
COLOR
BURST
7 CYCLES
40 IRE
10.003
±0.25µs
27.382µs
33.764µs
10.5
±0.25µs
12.91µs
TWO: 7 BIT + PARITY BIT
Closed Caption on Line21 and Line 284
[CC_21 = 1 and CC_284 = 1]
BLANK
LEVEL
SYNC
LEVEL
S
T
A
R
T
A16 ~ A22
A24 ~ A30
A23
A31
LINE 284
50 ±2 IRE
3.58MHz
COLOR
BURST
7 CYCLES
40 IRE
10.003
±0.25µs
27.382µs
33.764µs
10.5
±0.25µs
12.91µs
TWO: 7 BIT + PARITY BIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com