Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6460CS Datasheet(PDF) 7 Page - Micro Linear Corporation

Part # ML6460CS
Description  NTSC Video Encoder with Macrovision
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6460CS Datasheet(HTML) 7 Page - Micro Linear Corporation

Back Button ML6460CS Datasheet HTML 3Page - Micro Linear Corporation ML6460CS Datasheet HTML 4Page - Micro Linear Corporation ML6460CS Datasheet HTML 5Page - Micro Linear Corporation ML6460CS Datasheet HTML 6Page - Micro Linear Corporation ML6460CS Datasheet HTML 7Page - Micro Linear Corporation ML6460CS Datasheet HTML 8Page - Micro Linear Corporation ML6460CS Datasheet HTML 9Page - Micro Linear Corporation ML6460CS Datasheet HTML 10Page - Micro Linear Corporation ML6460CS Datasheet HTML 11Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
ML6460
7
FUNCTIONAL DESCRIPTION (Continued)
VIDEOTIMING AND INPUTS
The clock source for the ML6460 can be either 27MHz
(CCIR656) or 24.54MHz (NTSC Square Pixel). The
ML6460 internal timing generator also provides necessary
horizontal and vertical syncs, video blanking, burst,
Macrovision® timing, and closed caption timing. The
internal clock is derived through buffering and inverting
the external CLK signal. The inputs YCRCB<7:0>, VSYNC,
and HSYNC are registered at the rising edge of CLK and
PHERR is registered at the falling edge of CLK. All inputs
must be valid for the minimum setup time of 5ns. The
outputs VSYNC, HSYNC, and FIELD are clocked at the
rising edge of CLK and are valid 10ns following the edge
of the clock.
The ML6460 can operate in master and slave modes. In
master mode, the ML6460 internally generates the
vertical reset (VSYNC pin is an output) and horizontal
reset (HSYNC pin is an output). In the slave modes, there
are two alternatives. External slave mode allows the user
to provide an external vertical reset (VSYNC pin is an
input) and an external horizontal reset (HSYNC pin is an
input). Internal slave mode (CCIR656) uses the SAV and
EAV codes to generate the vertical and horizontal resets.
The master/slave modes are selected via register program.
Table 3 provides a description of the various modes and
the assignments of the VSYNC, HSYNC, and FIELD pins.
MASTER MODE
A logical 0 in the SLAVE/MASTER bit (bit B28) will
configure the ML6460 in the master mode. Multiplexed Y,
Cr, Cb data is streamed through the YCRCB <7:0> input
pins. VSYNC and HSYNC pins are configured as outputs
and provide vertical and horizontal sync information. The
polarity of the active edge of the HSYNC and VSYNC
pulses can be programmed through the control register via
the SENSE_HSYNC bit (bit B15) and the SENSE_VSYNC
bit (bit B10), respectively. Coincident active edges of the
horizontal and vertical syncs at the start of the line 4
indicates the beginning of an odd field, whereas, the
active edge of the vertical sync pulse when the horizontal
sync is non-active at the middle of line 266, indicates the
beginning of an even field (Figure 1). The FIELD pin can
be configured either as an input or output through the
FRAME_MODE bit (bit B8). If configured as output (B8
=0) it can be set to provide either even/odd field
information (B9 = FLD_FRM_MODE = 0) or analog field
information (B9 = 1). For the former case, a logical 1 on
the FIELD pin indicates odd fields and a logical 0 even
fields. For the latter,(on the FIELD pin), a logical 1 is held
during analog fields 1 and 2, and a logical 0 during
analog fields 3 and 4. If the FIELD pin is configured as an
input (B8 = FRAME_MODE = 1) it must be held low and
high on alternating frames and it should change state at
the beginning of vertical sync during fields 1 and 3. The
internal subcarrier oscillator is reset to make the frame —
for which FIELD pin is held 1 — correspond to analog
fields 1 and 2 (Figure 2). In master mode, a composite
blanking signal is also available thru the HSYNC pin.
This can be activated via the CBLANK bit (B29=1). The
polarity of the composite blanking signal is programmable
from the SENSE_HSYNC bit (B15). When the
SENSE_HSYNC bit is set (B15=1), the ML6460 will output
a logic 0 at the HSYNC pin during the pixels which are
blanked. Conversely, when the SENSE_HSYNC bit is
cleared (B15=0), the ML6460 will output a logic 1 at the
HSYNC pin during the pixels which are blanked.
Consequently, the YCRCB<7:0> inputs will be ignored and
a constant blanking level will be output to the analog
channels YOUT, COUT, and CVOUT. The operation of the
VSYNC and FIELD pins are not affected by the settings of
CBLANK and SENSE_HSYNC.
SLAVE MODES
A logical 1 in the SLAVE/MASTER bit (B28) will configure
the ML6460 for slave mode. Based on what timing
information is provided, there are two slave modes:
internal and external. Composite blanking—similar to that
described in Master Mode—is also available. Note that in
the internal slave mode, vertical and horizontal sync
pulses and/or composite blanking signals are output for
monitoring purposes only. All timing is derived from SAV/
EAV codes.
Internal Slave Mode for CCIR656 with SAV/EAV codes
In this mode (B26 = SLAVE_MODE=1), all the horizontal
and vertical timing information including odd/even field
selection is embedded in the multiplexed Y, Cr, Cb data
stream input through the YCRCB <7:0> pins. VSYNC and
HSYNC pins are configured as outputs to give vertical and
horizontal sync pulses respectively. The operation of the
FIELD pin is similar to that in the master mode.
Composite blanking — similar to the one described in the
master mode — is also available. Note that in the
internal slave mode, vertical and horizontal sync pulses
and / or composite blanking signal is output for
monitoring purposes only. As mentioned above, all
timing is derived from SAV/EAV codes.
External Slave Mode
In this mode: Where (B26 = SLAVE_MODE=0), horizontal
and vertical reset pulses must be provided externally
through HSYNC and VSYNC pins which are configured as
inputs. The polarity of these pulses is programmed
through bits SENSE_HSYNC (B15) and SENSE_VSYNC
(B10). A horizontal reset pulse on the HSYNC pin can be
given either at the beginning of active video
(B25=HRESET_MODE=1) or at the beginning of horizontal
blanking (B25=HRESET_MODE=0). Once per frame, the
active edge of a vertical reset pulse coincident with the
active edge of a horizontal reset pulse initializes the
internal vertical line counter to the beginning of an odd
field at line 4. Non-coincident vertical reset pulses, for
example, the ones which fall outside of the interval (see
Figure 3) determined by the active edge of the horizontal
reset pulse, will be ignored. The FIELD pin, as explained
above can be configured as an input to dictate analog



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com