Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6460CS Datasheet(PDF) 24 Page - Micro Linear Corporation

Part # ML6460CS
Description  NTSC Video Encoder with Macrovision
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6460CS Datasheet(HTML) 24 Page - Micro Linear Corporation

Back Button ML6460CS Datasheet HTML 20Page - Micro Linear Corporation ML6460CS Datasheet HTML 21Page - Micro Linear Corporation ML6460CS Datasheet HTML 22Page - Micro Linear Corporation ML6460CS Datasheet HTML 23Page - Micro Linear Corporation ML6460CS Datasheet HTML 24Page - Micro Linear Corporation ML6460CS Datasheet HTML 25Page - Micro Linear Corporation ML6460CS Datasheet HTML 26Page - Micro Linear Corporation ML6460CS Datasheet HTML 27Page - Micro Linear Corporation ML6460CS Datasheet HTML 28Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
ML6460
24
MODE PRESET1
PRESET0
CC
CNTR
CPC
CPS
A
0
0
XX
XXXXXXXX
*
*
B
0
1
XX
09080209
*
*
C
1
0
XX
1C080209
*
*
D
1
1
XX
11080209
*
*
Mode Description
Mode A:
All register contents are programmed through serial interface.
Mode B:
Master mode, CCIR656 rate, analog blanking.
Mode C:
Slave mode, SAV and EAV codes, CCIR656 rate, digital blanking.
Mode D:
Slave mode, external sync at start of line, Square pixel rate, analog blanking
Table 8. Preset Modes and Register Values
PRESET PIN CONTROL
The ML6460 can be controlled by a pair of preset mode
pins. These pins do not allow access to all of the
programmable features of the ML6460, but are intended
to provide a simpler interface for most applications. Refer
to Table 8 for preset modes.
SERIAL BUS OPERATION
The serial bus control in the ML6460 has two levels of
addressing: Device Addressing and Functional Addressing.
Device Addressing
: Figures 15, 16, and 17 show the
physical waveforms generated in order to address the
ML6460. There are six basic parts of the waveform:
1. Start Indication: Clock Cycle 0
2. Device Address Shifted in: Clock Cycle 1 through 8
3. Device Address Strobed and Decoded: Clock Cycle 9
4. Function Address Shifted in: Clock Cycle 10 through 17
5. Function Address Strobed and Decoded: Clock Cycle 18
6. Data Shifted in 8 bits at a time, MSB first: Clock
Cycle 19 through 26
7. Data Shifted: Clock Cycle 27
8. Repeat strep 6 & 7 until all data is clocked in.
9. Stop indication: After Last Clock Cycle
(54 for CC, 54 for CNTR)
Note: data at SDATA is ignored at steps 3, 5, and 7.
Device & Function Addressing
: Figures 15, 16, an17
show the register address procedure of the ML6460.
FUNCTIONAL DESCRIPTION (Continued)
Device Address (8 bit)
1011 0100 (Hex = B4)
Function Address (8 bit)
Closed Caption Data Registers (CC): 0000 0000 (Hex = 00)
Macrovision Control Registers (CPC): confidential
Macrovision Data Registers (CPS): confidential
Control Registers (CNTR): 0000 0011 (Hex = 03)
Number of Data Bits
Closed Caption Data Registers (CC): 4 x 8 bits
Macrovision Control Registers (CPC): confidential
Macrovision Data Registers (CPS): confidential
Control Registers (CNTR): 4 x 8 bits
CONTROL REGISTER DEFAULT SETTINGS
At Power up, the ML6460 default settings are as follows:
•
Control Register is undefined when the serial
bus mode is enabled.
•
Macrovision Register is automatically
configured by the Macrovision default
values.
•
Chip is ready to process video
•
Preset Pins are available and if used will
configure the control register.
•
Must write logic “0” (zero) to A30 to get
video
To get black at power up will require logic “1” in A30.
X = don't care
* = confidential information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com