Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6460CS Datasheet(PDF) 20 Page - Micro Linear Corporation

Part # ML6460CS
Description  NTSC Video Encoder with Macrovision
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6460CS Datasheet(HTML) 20 Page - Micro Linear Corporation

Back Button ML6460CS Datasheet HTML 16Page - Micro Linear Corporation ML6460CS Datasheet HTML 17Page - Micro Linear Corporation ML6460CS Datasheet HTML 18Page - Micro Linear Corporation ML6460CS Datasheet HTML 19Page - Micro Linear Corporation ML6460CS Datasheet HTML 20Page - Micro Linear Corporation ML6460CS Datasheet HTML 21Page - Micro Linear Corporation ML6460CS Datasheet HTML 22Page - Micro Linear Corporation ML6460CS Datasheet HTML 23Page - Micro Linear Corporation ML6460CS Datasheet HTML 24Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
ML6460
20
ANALOG_HBLANK, B24
This bit determines whether
the ML6460 is to encode for ITU_R656_compliant
"digital" or ITU_/SMPTE_compliant "analog" encoding
specifications. When this bit is cleared (B24=0), the
ML6460 is optimized for full "digital" line encoding,
where the number of active pixels is 720 for CCIR656
rates and 640 for square pixel rates. No tapering (edge
smoothing) is done to the beginning and end of the
active portion of the line. When this bit is set (B24=1),
the ML6460 is optimized for "analog" line encoding,
where the number of active pixels is 712 for CCIR656
rates and 640 for square pixel rates. The beginning and
end of the active video portion of the line is tapered
(smoothed) to minimize ringing introduced due to fast
transitions. Figure 14 below illustrates the timing
comparisons.
Note: For the square pixel rate the only difference
between "analog" and "digital" encoding is the tapering
(smoothing) at the beginning and end of the active video
portion of the line. The number of pixels encoded during
the active video portion is the same in both cases. The
positioning of the active portion is the same as in
"analog" line encoding.
FUNCTIONAL DESCRIPTION (Continued)
ANALOG_HRESET, B23
This bit is active only in
external slave mode and when the external sync is given
at the beginning of active video. In this mode,
ANALOG_HRESET (B23) must be used in conjunction
with ANALOG_HBLANK (B23) to choose between
"analog" and digital" line encoding. The possible
approaches are summarized in Table 4 below..
FULL_BAR, B22
This bit is used to program the ML6460
to encode in normal modes or 100% amplitude video
(100% color bar). When this bit is set (B22=1), the
ML6460 is ready to handle 100% color bars. With 75%
amplitude signals, this bit should be cleared (B22=0) for
optimum signal to noise performance.
JAPAN_BLANK, B21
This bit is used to program the
ML6460 to encode Japanese NTSC by removing the 7.5
IRE setup in blanking and thus boosting the gain of luma
and chroma DACs. This bit is set (B21=1) to handle
Japanese NTSC modes.
Figure 14. Timing of Horizontal Blanking Interval and Active Video
ANALOG_
ANALOG_
RECOMMENDED
TIME BETWEEN
PIXELS
EDGE
HRESET
HBLANK
ENCODING
H_SYNC AND
ENCODED
SMOOTHING
B23
B24
ACTIVE VIDEO
CCIR 656
SQUARE PIXEL
(B24 = 1)
0
0
ITU-R656
9µs
720
640
none
Digital TV Line
0
1
Optional
9µs + 4pixels
712
640
Yes
= 9.3µs
See Note 1
1
0
Not
Recommended
1
1
ITU-R/SMPTE
9µs + 4pixels
712
640
Yes
Analog
= 9.3µs
See Note 2
Note 1:
Ignore first four and last four pixels.
Note 2:
Ignore last eight pixels.
Table 4. Video Encoding Standards and Horizontal/Active Video Timing
1.56µs
9µs
9µs + 4 PIXELS
CCIR656 DIGITAL LINE ENCODING: 720 PIXELS, 1440 TCLKs
CCIR656 ANALOG LINE ENCODING: 712 PIXELS, 1424 TCLKs
SQUARE PIXEL ANALOG AND
DIGITAL ENCODING: 640 PIXELS, 1280 TCLKs
4.7µs
5.3µs
9 CYCLES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com