Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6460CS Datasheet(PDF) 22 Page - Micro Linear Corporation

Part # ML6460CS
Description  NTSC Video Encoder with Macrovision
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6460CS Datasheet(HTML) 22 Page - Micro Linear Corporation

Back Button ML6460CS Datasheet HTML 18Page - Micro Linear Corporation ML6460CS Datasheet HTML 19Page - Micro Linear Corporation ML6460CS Datasheet HTML 20Page - Micro Linear Corporation ML6460CS Datasheet HTML 21Page - Micro Linear Corporation ML6460CS Datasheet HTML 22Page - Micro Linear Corporation ML6460CS Datasheet HTML 23Page - Micro Linear Corporation ML6460CS Datasheet HTML 24Page - Micro Linear Corporation ML6460CS Datasheet HTML 25Page - Micro Linear Corporation ML6460CS Datasheet HTML 26Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
ML6460
22
Table 6: Control Register (CNTR) Summary
DATA BIT
NAME
DESCRIPTION
BIT CODE RANGE
B0
AC_DC
Configures analog output buffers for AC or DC drive
0 = DC, 1 = AC
B1
SUBCARRIER_OFF
Disable internal subcarrier oscillator - for test only
0 = Normal, 1= Disable oscillator
B2
CC_ALL
Enables Closed Caption transmission on every line
0 = Normal, 1 = Enable
B3
FIX_SCH
Enable reset of subcarrier oscillator every other frame
0 = Not reset, 1 = Oscillator reset
to maintain SCH phase
B4
ACTIVE_ON
Eliminate H & V intervals, suppress burst — for test only
0 = Normal, 1 = Test Mode
B5
BURST ON
Burst Available at all time — For test only
0 = Normal, 1 = Test Mode
B6
YDEL0
Delay/Advance luma channel
<YDEL1, YDEL0> = 00 = Normal
<YDEL1, YDEL0> = 01= Delay luma 1 clock cycle
B7
YDEL1
Delay/Advance luma channel
<YDEL1, YDEL0> = 10 = Advance luma 1 clock cycle,
<YDEL1, YDEL0> = 11= Advance luma 2 clock cycles
B8
FRAME_MODE
Configure FIELD pin as input or output
0 = output, 1= input
B9
FLD_FRM_MODE
Configure FIELD pin to give odd/even or 1,2 and 3,4 info
0 = odd/even, 1= 1,2 or 3,4
B10
SENSE_VSYNC
Set vertical reset pulse polarity
0 = Falling edge, 1= Rising edge
B11
SWITCH_FIELD
Switches even/odd fields
0 = Normal, 1= switch even/odd
B12
SWITCH_UV
Switch Cr and Cb internally
0 = Normal, 1= Switch Cr & Cb
B13
SEL_HSYNC0
Used to facilitate pixel synchronization
See Figures 4, 5, 7, 8
B14
SEL_HSYNC1
Used to facilitate pixel synchronization
See Figures 4, 5, 7, 8
B15
SENSE_HSYNC
Set horizontal reset pulse polarity
0 = Falling edge, 1= Rising edge
B16
OVERLAY_ON
Enables use of PHERR pin
0 = Disable, 1= Enable PHERR pin
B17
FSYNC
Enable frame syncing
0 = Disable, 1= Enable
B18
CC_284
Enable transmission of Closed Caption data on line 284
0 = Disable, 1= Enable transmission
B19
CC_21
Enable transmission of Closed Caption data on line 21
0 = Disable, 1= Enable transmission
B20
WIDE_BLANK
Select wide or narrow blanking
0 = 9 lines of blanking, 1= 15 lines
B21
JAPAN_BLANK
Removes 7.5 IRE setup in blanking and boosts Y & C gain
0 = Normal, 1= Japanese NTSC
B22
FULL_BAR
To handle 100% amplitude video (100% colorbars)
0 = Normal, 1 handles 100%Amp. Video
B23
ANALOG_HRESET
Selects position of horizontal reset
0 = Digital H blank edge,
1= Analog H blank edge
B24
ANALOG_HBLANK
Select analog blanking with smooth transition at the edges
0 = Digital blanking,
or digital blanking
1= Analog blanking
B25
HRESET_MODE
Select H reset at start of active video or start of H blanking
0 = Start of blanking,
1= Start of active
B26
SLAVE_MODE
Select external H/V reset or embedded H/V reset
0=External H/V reset (H/V ext. source)
1=Embedded H/V reset (SAV/EAV codes)
B27
SELCCIR
Select CCIR656 rate or Square Pixel rate
0 = Square Pixel, 1= CCIR656
B28
SLAVE/MASTER
Select slave or master mode
0 = Master mode, 1= Slave mode
B29
CBLANK
Composite Blanking
0 = Disable, 1= Enable
B30
Reserved
Set to 0 for Proper Operation
B31
Reserved
Set to 0 for Proper Operation
Note:
B31 is MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com