Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAI-2001 Datasheet(PDF) 9 Page - ON Semiconductor

Part # KAI-2001
Description  Interline CCD Image Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-2001 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button KAI-2001 Datasheet HTML 5Page - ON Semiconductor KAI-2001 Datasheet HTML 6Page - ON Semiconductor KAI-2001 Datasheet HTML 7Page - ON Semiconductor KAI-2001 Datasheet HTML 8Page - ON Semiconductor KAI-2001 Datasheet HTML 9Page - ON Semiconductor KAI-2001 Datasheet HTML 10Page - ON Semiconductor KAI-2001 Datasheet HTML 11Page - ON Semiconductor KAI-2001 Datasheet HTML 12Page - ON Semiconductor KAI-2001 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
KAI−2001
www.onsemi.com
9
Pin Description and Physical Orientation
Figure 8. Package Pin Designations − Top View
Pixel 1,1
3
30
2
31
1
32
4
29
5
28
6
27
7
26
8
25
9
24
10
23
11
22
12
21
13
20
14
19
15
18
16
17
Pixel 1, 1
Table 4. PIN DESCRIPTION
Pin
Name
Description
1
fRL
Reset Gate, Left
2
fH2BL
H2 Barrier, Left
3
fH1BL
H1 Barrier, Left
4
fH1SL
H1 Storage, Left
5
fH2SL
H2 Storage, Left
6
GND
Ground
7
OGL
Output Gate, Left
8
RDL
Reset Drain, Left
9
RDR
Reset Drain, Right
10
ORG
Output Gate, Right
11
FD
Fast Line Dump Gate
12
fH2SR
H2 Storage, Right
13
fH1SR
H1 Storage, Right
14
fH1BR
H1 Barrier, Right
15
fH2BR
H2 Barrier, Right
16
fRR
Reset Gate, Right
Pin
Name
Description
17
VSS
Output Amplifier Return
18
VOUTR
Video Output, Right
19
GND
Ground
20
fV2
Vertical Clock, Phase 2
21
fV1
Vertical Clock, Phase 1
22
VSUB
Substrate
23
GND
Ground
24
VDDR
VDD, Right
25
VDDL
VDD, Left
26
GND
Ground
27
VSUB
Substrate
28
fV1
Vertical Clock, Phase 1
29
fV2
Vertical Clock, Phase 2
30
ESD
ESD
31
VOUTL
Video Output, Left
32
VSS
Output Amplifier Return
NOTE: The pins are on a 0.070
″ spacing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com