Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAI-2001 Datasheet(PDF) 2 Page - ON Semiconductor

Part # KAI-2001
Description  Interline CCD Image Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-2001 Datasheet(HTML) 2 Page - ON Semiconductor

  KAI-2001 Datasheet HTML 1Page - ON Semiconductor KAI-2001 Datasheet HTML 2Page - ON Semiconductor KAI-2001 Datasheet HTML 3Page - ON Semiconductor KAI-2001 Datasheet HTML 4Page - ON Semiconductor KAI-2001 Datasheet HTML 5Page - ON Semiconductor KAI-2001 Datasheet HTML 6Page - ON Semiconductor KAI-2001 Datasheet HTML 7Page - ON Semiconductor KAI-2001 Datasheet HTML 8Page - ON Semiconductor KAI-2001 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
KAI−2001
www.onsemi.com
2
ORDERING INFORMATION
Table 2. ORDERING INFORMATION − KAI−2001 IMAGE SENSOR
Part Number
Description
Marking Code
KAI−2001−AAA−CR−BA
Monochrome, No Microlens, CERDIP Package (Sidebrazed),
Taped Clear Cover Glass with AR Coating (2 Sides), Standard Grade
KAI−2001
Serial Number
KAI−2001−AAA−CR−AE
Monochrome, No Microlens, CERDIP Package (Sidebrazed),
Taped Clear Cover Glass with AR Coating (2 Sides), Engineering Sample
KAI−2001−AAA−CF−BA
Monochrome, No Microlens, CERDIP Package (Sidebrazed),
Quartz Cover Glass (No Coatings), Standard Grade
KAI−2001−AAA−CF−AE
Monochrome, No Microlens, CERDIP Package (Sidebrazed),
Quartz Cover Glass (No Coatings), Engineering Sample
KAI−2001−CBA−CD−BA
Color (Bayer RGB), Telecentric Microlens, CERDIP Package (Sidebrazed),
Clear Cover Glass with AR Coating (Both Sides), Standard Grade
KAI−2001CM
Serial Number
KAI−2001−CBA−CD−AE
Color (Bayer RGB), Telecentric Microlens, CERDIP Package (Sidebrazed),
Clear Cover Glass with AR Coating (Both Sides), Engineering Sample
KAI−2001−ABA−CD−BA
Monochrome, Telecentric Microlens, CERDIP Package (Sidebrazed),
Clear Cover Glass with AR Coating (Both Sides), Standard Grade
KAI−2001M
Serial Number
KAI−2001−ABA−CD−AE
Monochrome, Telecentric Microlens, CERDIP Package (Sidebrazed),
Clear Cover Glass with AR Coating (Both Sides), Engineering Sample
KAI−2001−ABA−CP−BA
Monochrome, Telecentric Microlens, CERDIP Package (Sidebrazed),
Taped Clear Cover Glass (No Coatings), Standard Grade
KAI−2001−ABA−CP−AE
Monochrome, Telecentric Microlens, CERDIP Package (Sidebrazed),
Taped Clear Cover Glass (No Coatings), Engineering Sample
Table 3. ORDERING INFORMATION − EVALUATION SUPPORT
Part Number
Description
KAI−2020−12−20−A−EVK
Evaluation Board, 12 Bit, 20 MHz (Complete Kit)
KAI−2020−10−40−A−EVK
Evaluation Board, 10 Bit, 40 MHz (Complete Kit)
See the ON Semiconductor Device Nomenclature document (TND310/D) for a full description of the naming convention
used for image sensors. For reference documentation, including information on evaluation kits, please visit our web site at
www.onsemi.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com