Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAI-2001 Datasheet(PDF) 1 Page - ON Semiconductor

Part # KAI-2001
Description  Interline CCD Image Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-2001 Datasheet(HTML) 1 Page - ON Semiconductor

  KAI-2001 Datasheet HTML 1Page - ON Semiconductor KAI-2001 Datasheet HTML 2Page - ON Semiconductor KAI-2001 Datasheet HTML 3Page - ON Semiconductor KAI-2001 Datasheet HTML 4Page - ON Semiconductor KAI-2001 Datasheet HTML 5Page - ON Semiconductor KAI-2001 Datasheet HTML 6Page - ON Semiconductor KAI-2001 Datasheet HTML 7Page - ON Semiconductor KAI-2001 Datasheet HTML 8Page - ON Semiconductor KAI-2001 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
© Semiconductor Components Industries, LLC, 2015
April, 2015 − Rev. 2
1
Publication Order Number:
KAI−2001/D
KAI-2001
1600 (H) x 1200 (V) Interline
CCD Image Sensor
Description
The KAI−2001 Image Sensor is a high-performance 2-million pixel
sensor designed for a wide range of medical, scientific and machine
vision applications. The 7.4
mm square pixels with microlenses
provide high sensitivity and the large full well capacity results in high
dynamic range. The split horizontal register offers a choice of single or
dual output allowing either 15 or 30 frame per second (fps) video rate
for the progressively scanned images. Also included is a fast line
dump for sub-sampling at higher frame rates. The vertical overflow
drain structure provides anti-blooming protection and enables
electronic shuttering for precise exposure control. Other features
include low dark current, negligible lag and low smear.
Table 1. GENERAL SPECIFICATIONS
Parameter
Typical Value
Architecture
Interline CCD, Progressive Scan
Total Number of Pixels
1640 (H)
× 1214 (V)
Number of Effective Pixels
1608 (H)
× 1208 (V)
Number of Active Pixels
1600 (H)
× 1200 (V)
Pixel Size
7.4
mm (H) × 7.4 mm (V)
Active Image Size
13.38 mm (H)
× 9.52 mm (V),
14.803 mm (Diagonal),
1
″ Optical Format
Aspect Ratio
4:3
Number of Outputs
1 or 2
Saturation Signal
40,000 e−
Quantum Efficiency
−ABA
−CBA (RGB)
55%
45%, 42%, 35%
Output Sensitivity
16
mV/e−
Total System Noise
40 MHz
20 MHz
40 e−
23 e−
Dark Current
< 0.5 nA/cm2
Dark Current Doubling Temp.
7
°C
Dynamic Range
60 dB
Charge Transfer Efficiency
> 0.999999
Blooming Suppression
300X
Smear
80 dB
Image Lag
< 10 e−
Maximum Data Rate
40 MHz
Package
32-pin, CERDIP
NOTE: All Parameters are specified at T = 40
°C unless otherwise noted.
Features
• High Resolution
• High Sensitivity
• High Dynamic Range
• Low Noise Architecture
• High Frame Rate
• Binning Capability for Higher Frame Rate
• Electronic Shutter
Applications
• Machine Vision
• Scientific
www.onsemi.com
Figure 1. KAI−2001 Interline CCD
Image Sensor
See detailed ordering and shipping information on page 2 of
this data sheet.
ORDERING INFORMATION


Similar Part No. - KAI-2001

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-2001 ONSEMI-KAI-2001 Datasheet
865Kb / 37P
1600 (H) x 1200 (V) Interline CCD Image Sensor
February, 2016 ??Rev. 3
KAI-2001-AAA-CF-AE ONSEMI-KAI-2001-AAA-CF-AE Datasheet
865Kb / 37P
1600 (H) x 1200 (V) Interline CCD Image Sensor
February, 2016 ??Rev. 3
KAI-2001-AAA-CF-BA ONSEMI-KAI-2001-AAA-CF-BA Datasheet
865Kb / 37P
1600 (H) x 1200 (V) Interline CCD Image Sensor
February, 2016 ??Rev. 3
KAI-2001-AAA-CP-AE ONSEMI-KAI-2001-AAA-CP-AE Datasheet
865Kb / 37P
1600 (H) x 1200 (V) Interline CCD Image Sensor
February, 2016 ??Rev. 3
KAI-2001-AAA-CP-BA ONSEMI-KAI-2001-AAA-CP-BA Datasheet
865Kb / 37P
1600 (H) x 1200 (V) Interline CCD Image Sensor
February, 2016 ??Rev. 3
More results

Similar Description - KAI-2001

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-1010 ONSEMI-KAI-1010 Datasheet
308Kb / 27P
Interline CCD Image Sensor
May, 2015 ??Rev. 2
KAI-01050 ONSEMI-KAI-01050 Datasheet
689Kb / 32P
Interline CCD Image Sensor
July, 2015 ??Rev. 5
KAI-01150 ONSEMI-KAI-01150 Datasheet
952Kb / 36P
Interline CCD Image Sensor
August, 2015 ??Rev. 5
KAI-2020 ONSEMI-KAI-2020 Datasheet
853Kb / 37P
Interline CCD Image Sensor
October, 2015 ??Rev. 3
KAI-02050 ONSEMI-KAI-02050 Datasheet
1Mb / 41P
Interline CCD Image Sensor
August, 2015 ??Rev. 8
KAI-04070 ONSEMI-KAI-04070 Datasheet
1Mb / 50P
INTERLINE CCD IMAGE SENSOR
July, 2015 ??Rev. 3
KAI-08050 ONSEMI-KAI-08050 Datasheet
703Kb / 31P
Interline CCD Image Sensor
March, 2015 ??Rev. 7
KAI-08670 ONSEMI-KAI-08670 Datasheet
1Mb / 52P
INTERLINE CCD IMAGE SENSOR
March, 2015 ??Rev. 2
KAE02150 ONSEMI-KAE02150_16 Datasheet
817Kb / 40P
Interline CCD Image Sensor
February, 2016 ??Rev. 2
KAI-04050 ONSEMI-KAI-04050_17 Datasheet
1Mb / 38P
Interline CCD Image Sensor
February, 2017 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com