Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAI-2001 Datasheet(PDF) 35 Page - ON Semiconductor

Part # KAI-2001
Description  Interline CCD Image Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-2001 Datasheet(HTML) 35 Page - ON Semiconductor

Back Button KAI-2001 Datasheet HTML 28Page - ON Semiconductor KAI-2001 Datasheet HTML 29Page - ON Semiconductor KAI-2001 Datasheet HTML 30Page - ON Semiconductor KAI-2001 Datasheet HTML 31Page - ON Semiconductor KAI-2001 Datasheet HTML 32Page - ON Semiconductor KAI-2001 Datasheet HTML 33Page - ON Semiconductor KAI-2001 Datasheet HTML 34Page - ON Semiconductor KAI-2001 Datasheet HTML 35Page - ON Semiconductor KAI-2001 Datasheet HTML 36Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
KAI−2001
www.onsemi.com
35
Glass
Figure 38. Glass Drawing
1. Materials: Substrate − Schott D236T eco or equivalent
Epoxy: NCO−150HB
Thickness: 0.002
″−0.005″
2. Dust, Scratch Count − 10 microns max.
3. Double Sided AR Coating Reflectance:
420−435 nm < 2%
435−630 nm < 0.8%
630−680 nm < 2%
Notes:
Units: IN [MM]
Tolerance: Unless otherwise specified
±1% no less than 0.005″



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com