Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAI-2001 Datasheet(PDF) 21 Page - ON Semiconductor

Part # KAI-2001
Description  Interline CCD Image Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-2001 Datasheet(HTML) 21 Page - ON Semiconductor

Back Button KAI-2001 Datasheet HTML 17Page - ON Semiconductor KAI-2001 Datasheet HTML 18Page - ON Semiconductor KAI-2001 Datasheet HTML 19Page - ON Semiconductor KAI-2001 Datasheet HTML 20Page - ON Semiconductor KAI-2001 Datasheet HTML 21Page - ON Semiconductor KAI-2001 Datasheet HTML 22Page - ON Semiconductor KAI-2001 Datasheet HTML 23Page - ON Semiconductor KAI-2001 Datasheet HTML 24Page - ON Semiconductor KAI-2001 Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
KAI−2001
www.onsemi.com
21
AC Operating Conditions
Table 11. CLOCK LEVELS
Description
Symbol
Min.
Nom.
Max.
Unit
Notes
Vertical CCD Clock High
V2H
7.5
8.0
8.5
V
Vertical CCD Clocks Midlevel
V1M, V2M
−0.2
0.0
0.2
V
Vertical CCD Clocks Low
V1L, V2L
−9.5
−9.0
−8.5
V
Horizontal CCD Clocks Amplitude
H1H, H2H
4.5
5.0
5.5
V
Horizontal CCD Clocks Low
H1L, H2L
−5.0
−4.0
−3.8
V
Reset Clock Amplitude
RH
−
5.0
−
V
1
Reset Clock Low
RL
−4.0
−3.5
−3.0
V
2
Electronic Shutter Voltage
VSHUTTER
44
48
52
V
3
Fast Dump High
FDH
4.8
5.0
5.2
V
Fast Dump Low
FDL
−9.5
−9.0
−8.0
V
1. Reset amplitude must be set to 7.0 V for 80,000 electrons output in summed interlaced or binning modes.
2. Reset low level must be set to –5.0 V for 80,000 electrons output in summed interlaced or binning modes.
3. Refer to Application Note Using Interline CCD Image Sensors in High Intensity Visible Lighting Conditions.
Clock Line Capacitances
Figure 18. Clock Line Capacitances
V1
V2
GND
25 nF
25 nF
H1SL+H1BL
66 pF
H2SL+H2BL
58 pF
H1SR+H1BR
66 pF
H2SR+H2BR
58 pF
20 pF
20 pF
GND
GND
Reset
10 pF
GND
SUB
2 nF
GND
FD
21 pF
5 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com