Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5166H Datasheet(PDF) 6 Page - ON Semiconductor

Part # CS5166H
Description  5?묪it Synchronous CPU Controller with Power Good
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5166H Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CS5166H Datasheet HTML 2Page - ON Semiconductor CS5166H Datasheet HTML 3Page - ON Semiconductor CS5166H Datasheet HTML 4Page - ON Semiconductor CS5166H Datasheet HTML 5Page - ON Semiconductor CS5166H Datasheet HTML 6Page - ON Semiconductor CS5166H Datasheet HTML 7Page - ON Semiconductor CS5166H Datasheet HTML 8Page - ON Semiconductor CS5166H Datasheet HTML 9Page - ON Semiconductor CS5166H Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
CS5166H
http://onsemi.com
6
ELECTRICAL CHARACTERISTICS (continued) (0°C < TA < 70°C; 0°C < TJ < 125°C; 8.0 V < VCC < 20 V; 2.0 DAC Code:
(VID4 = VID3 = VID2 = VID1 = 0, VID0 = 1); CGATE(H) = CGATE(L) = 3.3 nF; COFF = 330 pF; CSS = 0.1 μF, unless otherwise specified.)
Threshold Accuracy
Lower Threshold
Upper Threshold
Min
Typ
Max
Min
Typ
Max
Unit
DAC CODE
% of Nominal DAC Output
−12
−8.5
−5.0
5.0
8.5
12
%
VID4
VID3
VID2
VID1
VID0
1
0
0
0
0
3.102
3.225
3.348
3.701
3.824
3.948
V
1
0
0
0
1
3.014
3.133
3.253
3.596
3.716
3.836
V
1
0
0
1
0
2.926
3.042
3.158
3.491
3.607
3.724
V
1
0
0
1
1
2.838
2.950
3.063
3.386
3.499
3.612
V
1
0
1
0
0
2.750
2.859
2.968
3.281
3.390
3.500
V
1
0
1
0
1
2.662
2.767
2.873
3.176
3.282
3.388
V
1
0
1
1
0
2.574
2.676
2.778
3.071
3.173
3.276
V
1
0
1
1
1
2.486
2.584
2.683
2.966
3.065
3.164
V
1
1
0
0
0
2.398
2.493
2.588
2.861
2.956
3.052
V
1
1
0
0
1
2.310
2.401
2.493
2.756
2.848
2.940
V
1
1
0
1
0
2.222
2.310
2.398
2.651
2.739
2.828
V
1
1
0
1
1
2.134
2.218
2.303
2.546
2.631
2.716
V
1
1
1
0
0
2.046
2.127
2.208
2.441
2.522
2.604
V
1
1
1
0
1
1.958
2.035
2.113
2.336
2.414
2.492
V
1
1
1
1
0
1.870
1.944
2.018
2.231
2.305
2.380
V
0
0
0
0
0
1.826
1.898
1.971
2.178
2.251
2.324
V
0
0
0
0
1
1.782
1.8520
1.923
2.126
2.197
2.268
V
0
0
0
1
0
1.738
1.807
1.876
2.073
2.142
2.212
V
0
0
0
1
1
1.694
1.761
1.828
2.021
2.088
2.156
V
0
0
1
0
0
1.650
1.715
1.781
1.968
2.034
2.100
V
0
0
1
0
1
1.606
1.669
1.733
1.916
1.980
2.044
V
0
0
1
1
0
1.562
1.624
1.686
1.863
1.925
1.988
V
0
0
1
1
1
1.518
1.578
1.638
1.811
1.871
1.932
V
0
1
0
0
0
1.474
1.532
1.591
1.758
1.817
1.876
V
0
1
0
0
1
1.430
1.486
1.543
1.706
1.763
1.820
V
0
1
0
1
0
1.386
1.441
1.496
1.653
1.708
1.764
V
0
1
0
1
1
1.342
1.395
1.448
1.601
1.654
1.708
V
0
1
1
0
0
1.298
1.349
1.401
1.548
1.600
1.652
V
0
1
1
0
1
1.254
1.303
1.353
1.496
1.546
1.596
V
0
1
1
1
0
1.210
1.258
1.306
1.443
1.491
1.540
V
0
1
1
1
1
1.166
1.212
1.258
1.391
1.437
1.484
V
1
1
1
1
1
1.094
1.138
1.181
1.306
1.349
1.393
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com