Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5166H Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS5166H
Description  5?묪it Synchronous CPU Controller with Power Good
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5166H Datasheet(HTML) 2 Page - ON Semiconductor

  CS5166H Datasheet HTML 1Page - ON Semiconductor CS5166H Datasheet HTML 2Page - ON Semiconductor CS5166H Datasheet HTML 3Page - ON Semiconductor CS5166H Datasheet HTML 4Page - ON Semiconductor CS5166H Datasheet HTML 5Page - ON Semiconductor CS5166H Datasheet HTML 6Page - ON Semiconductor CS5166H Datasheet HTML 7Page - ON Semiconductor CS5166H Datasheet HTML 8Page - ON Semiconductor CS5166H Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
CS5166H
http://onsemi.com
2
Figure 1. Application Diagram, 5.0 V to 2.8 V @ 14.2 A for 300 MHz Pentium II
COMP
VFB
GATE(H)
VCC
VID4
VID3
VID2
VID1
PGND
SS
COFF
3.0 mΩ
12 V
330 pF
0.1 μF
LGND
1200 μF/10 V × 3
1.0 μF
Pentium II
System
VID0
VID1
VID2
VID3
1200 μF/10 V × 5
1.2 μH
5.0 V
3.3 k
1000 pF
VID4
VID0
GATE(L)
0.1 μF
PWRGD
ISENSE
PWRGD
VCC
510
0.1 μF
ABSOLUTE MAXIMUM RATINGS*
Rating
Value
Unit
Operating Junction Temperature, TJ
0 to 150
°C
Lead Temperature Soldering:
Reflow: (SMD styles only) (Note 1)
230 peak
°C
Storage Temperature Range, TS
−65 to +150
°C
1. 60 second maximum above 183°C.
*The maximum package power dissipation must be observed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com