Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5166H Datasheet(PDF) 9 Page - ON Semiconductor

Part # CS5166H
Description  5?묪it Synchronous CPU Controller with Power Good
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5166H Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CS5166H Datasheet HTML 5Page - ON Semiconductor CS5166H Datasheet HTML 6Page - ON Semiconductor CS5166H Datasheet HTML 7Page - ON Semiconductor CS5166H Datasheet HTML 8Page - ON Semiconductor CS5166H Datasheet HTML 9Page - ON Semiconductor CS5166H Datasheet HTML 10Page - ON Semiconductor CS5166H Datasheet HTML 11Page - ON Semiconductor CS5166H Datasheet HTML 12Page - ON Semiconductor CS5166H Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
CS5166H
http://onsemi.com
9
TYPICAL PERFORMANCE CHARACTERISTICS
0
2000 4000
6000 8000 10000 12000 14000 16000
0
20
40
60
80
100
120
140
160
180
200
Load Capacitance (pF)
0
2000 4000
6000 8000 10000 12000 14000 16000
0
20
40
60
80
100
120
140
160
180
200
Load Capacitance (pF)
0
2000 4000 6000 8000 10000 12000 14000 16000
0
20
40
60
80
100
120
140
160
180
200
Load Capacitance (pF)
0
20
40
60
100
120
−0.1
80
−0.08
−0.06
−0.04
−0.02
0
0.02
0.04
Junction Temperature (°C)
Figure 3. GATE(L) Risetime vs. Load Capacitance
Figure 4. GATE(H) Risetime vs. Load Capacitance
Figure 5. GATE(H) & GATE(L) Falltime vs. Load
Capacitance
Figure 6. DAC Output Voltage vs. Temperature,
DAC Code = 10111, VCC = 12 V
VCC = 12 V
TA = 25°C
VCC = 12 V
TA = 25°C
−0.25
−0.20
−0.15
−0.10
−0.05
0
0.05
−0.10
−0.08
−0.06
−0.04
−0.02
0
0.04
0.02
Figure 7. Percent Output Error vs. DAC Voltage
Setting, VCC = 12 V, TA = 25°C, VID4 = 0
DAC Output Voltage Setting (V)
Figure 8. Percent Output Error vs. DAC Output
Voltage Setting VCC = 12 V, TA = 25°C, VID4 = 1
DAC Output Voltage Setting (V)
VCC = 12 V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com