Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5166H Datasheet(PDF) 13 Page - ON Semiconductor

Part # CS5166H
Description  5?묪it Synchronous CPU Controller with Power Good
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5166H Datasheet(HTML) 13 Page - ON Semiconductor

Back Button CS5166H Datasheet HTML 9Page - ON Semiconductor CS5166H Datasheet HTML 10Page - ON Semiconductor CS5166H Datasheet HTML 11Page - ON Semiconductor CS5166H Datasheet HTML 12Page - ON Semiconductor CS5166H Datasheet HTML 13Page - ON Semiconductor CS5166H Datasheet HTML 14Page - ON Semiconductor CS5166H Datasheet HTML 15Page - ON Semiconductor CS5166H Datasheet HTML 16Page - ON Semiconductor CS5166H Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
CS5166H
http://onsemi.com
13
reaching the output voltage specification limits. When load
current suddenly increases from its minimum level, the
output capacitor is pre−positioned +25 mV. Conversely,
when load current suddenly decreases from its maximum
level, the output capacitor is pre−positioned −25 mV (see
Figures 16, 17, and 18). For best Transient Response, a
combination of a number of high frequency and bulk output
capacitors are usually used.
If the Maximum On−Time is exceeded while responding
to a sudden increase in Load current, a normal off−time
occurs to prevent saturation of the output inductor.
Figure 16. Output Voltage Transient Response to
a 14 A Load Pulse, VOUT = +2.825 V (DAC = 10111)
Trace 4− VOUT (100 mV/div.)
Trace 3− Load Current (5.0 A/10 mV/div.)
Figure 17. Output Voltage Transient Response to a
14 A Load Step, VOUT = +2.825 V (DAC = 10111)
Trace 1− GATE(H) (10 V/div.)
Trace 2− Inductor Switching Node (5.0 V/div.)
Trace 3− Load Current (5.0 A/div)
Trace 4− VOUT (100 mV/div.)
Figure 18. Output Voltage Transient Response to a
14 A Load Turn−Off, VOUT = +2.825 V (DAC = 10111)
Trace 1− GATE(H) (10 V/div.)
Trace 2− Inductor Switching Node (5.0 V/div.)
Trace 3− Load Current (5.0 A/div)
Trace 4− VOUT (100 mV/div.)
Power Supply Sequencing
The CS5166H offers inherent protection from undefined
start up conditions, regardless of the 12 V and 5.0 V supply
power up sequencing. The turn on slew rates of the 12 V and
5.0 V power supplies can be varied over wide ranges without
affecting the output voltage or causing detrimental effects to
the buck regulator.
PROTECTION AND MONITORING FEATURES
Overcurrent Protection
A loss−less hiccup mode current limit protection feature
is provided, requiring only the Soft Start capacitor to
implement. The CS5166H provides overcurrent protection
by sensing the current through a “Droop” resistor, using an
internal current sense comparator. The comparator
compares this voltage drop to an internal reference voltage
of 76 mV (typical).
If the voltage drop across the “Droop” resistor exceeds
this threshold, the current sense comparator allows the fault
latch to be set. This causes the regulator to stop switching.
During this overcurrent condition, the CS5166H stays off
for the time it takes the Soft Start capacitor to slowly
discharge by a 2.0 μA current source until it reaches its lower
0.7 V threshold.
At that time the regulator attempts to restart normally by
delivering short gate pulses to both FET’s. The CS5166H
will operate initially in its extended off time mode with a
50% duty cycle, while the Soft Start capacitor is charged
with a 60 mA charge current. The gates will switch on while



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com