Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5166H Datasheet(PDF) 16 Page - ON Semiconductor

Part # CS5166H
Description  5?묪it Synchronous CPU Controller with Power Good
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5166H Datasheet(HTML) 16 Page - ON Semiconductor

Back Button CS5166H Datasheet HTML 12Page - ON Semiconductor CS5166H Datasheet HTML 13Page - ON Semiconductor CS5166H Datasheet HTML 14Page - ON Semiconductor CS5166H Datasheet HTML 15Page - ON Semiconductor CS5166H Datasheet HTML 16Page - ON Semiconductor CS5166H Datasheet HTML 17Page - ON Semiconductor CS5166H Datasheet HTML 18Page - ON Semiconductor CS5166H Datasheet HTML 19Page - ON Semiconductor CS5166H Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
CS5166H
http://onsemi.com
16
Figure 27. Implementing Shutdown with the CS5166H
CS5166H
IN4148
MMUN2111T1 (SOT−23)
Shutdown
Input
ISENSE
SS
5
8
5.0 V
Selecting External Components
The CS5166H buck regulator can be used with a wide
range of external power components to optimize the cost and
performance of a particular design. The following
information can be used as general guidelines to assist in
their selection.
NFET Power Transistors
Both logic level and standard FETs can be used. The
reference designs derive gate drive from the 12 V supply
which is generally available in most computer systems and
utilize logic level FETs. A charge pump may be easily
implemented to permit use of standard FET’s or support
5.0 V or 12 V only systems (maximum of 20 V). Multiple
FET’s may be paralleled to reduce losses and improve
efficiency and thermal management.
Voltage applied to the FET gates depends on the
application circuit used. Both upper and lower gate driver
outputs are specified to drive to within 1.5 V of ground when
in the low state and to within 2.0 V of their respective bias
supplies when in the high state. In practice, the FET gates
will be driven rail to rail due to overshoot caused by the
capacitive load they present to the controller IC. For the
typical application where VCC = 12 V and 5.0 V is used as
the source for the regulator output current, the following
gate drive is provided:
VGS(BOTTOM) + 12 V
VGS(TOP) + 12 V * 5.0 V + 7.0 V
(see Figure 28)
Figure 28. Gate Drive Waveforms Depicting
Rail to Rail Swing
Trace 3− GATE(H) (10 V/div.)
Trace 1− GATE(H) − 5.0 VIN
Trace 4− GATE(L) (10 V/div.)
Trace 2− Inductor Switching Node (5.0 V/div.)
Figure 29. Normal Operation Showing the Guaranteed
Non−Overlap Time Between the High and Low−Side
MOSFET Gate Drives, ILOAD = 14 A
Trace 1 = GATE(H) (5.0 V/div.)
Trace 2 = GATE(L) (5.0 V/div.)
The CS5166H provides adaptive control of the external
NFET conduction times by guaranteeing a typical 65 ns
non−overlap (as seen in Figure 29) between the upper and
lower MOSFET gate drive pulses. This feature eliminates
the potentially catastrophic effect of “shoot−through
current”, a condition during which both FETs conduct
causing them to overheat, self−destruct, and possibly inflict
irreversible damage to the processor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com