Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHPHT Datasheet(PDF) 5 Page - Vishay Siliconix

Part # CHPHT
Description  High Temperature (245 °C) Thick Film Chip Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CHPHT Datasheet(HTML) 5 Page - Vishay Siliconix

  CHPHT Datasheet HTML 1Page - Vishay Siliconix CHPHT Datasheet HTML 2Page - Vishay Siliconix CHPHT Datasheet HTML 3Page - Vishay Siliconix CHPHT Datasheet HTML 4Page - Vishay Siliconix CHPHT Datasheet HTML 5Page - Vishay Siliconix CHPHT Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CHPHT
www.vishay.com
Vishay Sfernice
Revision: 21-Jul-14
5
Document Number: 52032
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CODIFICATION OF PACKAGING
WAFFLE PACK
W
100 min., 1 mult
WA
100 min., 100 mult (available only in size 1206)
PLASTIC TAPE (Standard for all sizes.)
T
100 min., 1 mult
TA
100 min., 100 mult
TB
250 min., 250 mult
TC
500 min., 500 mult
TD
1000 min., 1000 mult
TE
2500min., 2500 mult
TF
Full tape (quantity depending on size of chips)
PAPER TAPE (Available for 0603, 0805, and 1206. Please consult Vishay Sfernice for other sizes.)
PT
100 min., 1 mult
PA
100 min., 100 mult
PB
250 min., 250 mult
PC
500 min., 500 mult
PD
1000 min., 1000 mult
PE
2500min., 2500 mult
PF
Full tape (quantity depending on size of chips)
CODIFICATION OF OPTIONS ON TWO DIGITS
OPTION
OPTION 2
DIGITS
OPTION
OPTION 2
DIGITS
..
..
0126
1A
0099
99
0127
1B
0100
0A
0128
1C
0101
0B
..
..
0102
0C
0320
8M
0103
0D
0321
8N
0104
0E
0322
8O
0105
0F
0323
8P
..
..
0324
8Q
0124
0Y
0325
8R
0125
0Z
..
..
CODIFICATION OF SIZES
CODE 18
CODE 40
CODE 18
CODE 40
7
02016
M
22
8
0302
N
33
9
0402
O
44
A
0502
P
55
B
0505
Q
515
C
0603
R
48
D
0805
S
408
E
1005
T
816
F
1010
U
914
G
1020
V
073
H
1206
W
074
I
1505
X
100
J
2010
Y
135
K
2208
Z
182
L
2512



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com