Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHPHT Datasheet(PDF) 4 Page - Vishay Siliconix

Part # CHPHT
Description  High Temperature (245 °C) Thick Film Chip Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CHPHT Datasheet(HTML) 4 Page - Vishay Siliconix

  CHPHT Datasheet HTML 1Page - Vishay Siliconix CHPHT Datasheet HTML 2Page - Vishay Siliconix CHPHT Datasheet HTML 3Page - Vishay Siliconix CHPHT Datasheet HTML 4Page - Vishay Siliconix CHPHT Datasheet HTML 5Page - Vishay Siliconix CHPHT Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CHPHT
www.vishay.com
Vishay Sfernice
Revision: 21-Jul-14
4
Document Number: 52032
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) N terminations for temperature up to 200 °C
G terminations for temperature up to 230 °C
PERFORMANCE
TESTS
CONDITIONS
REQUIREMENTS
TYPICAL VALUES
AND DRIFTS
Termination adhesion
5N for 10 s
± (0.25 % + 0.05
)
< ± 0.1 %
Resistance to solder heat
Immersion 10 s
in Sn/Pb 60/40
at +260 °C
± (0.25 % + 0.05
)
< ± 0.1 %
Rapid temperature change
5 cycles
-55 °C to +155 °C
± (0.25 % + 0.05
)
< ± 0.1 %
Climatic sequence
Phase A dry heat
Phase B damp heat
Phase C cold -55 °C
Phase D damp heat 5 cycles
± (1 % + 0.05
)
< ± 0.2 %
Humidity (steady state)
56 days
± (1 % + 0.05
)
< ± 0.2 %
Moisture resistance
AEC-Q200
85 °C/85 % RH/Pn
1000 h
3 % + 0.05
Max. < 3 % + 0.05
Short time overload
6.25 Pn
for 2 s
± (0.25 % + 0.05
)
< ± 0.1 %
Load life
1000 h at rated power
at 230 °C
-1 % max.
Shelf life
1000 h at 245 °C
-
1 % max.
GLOBAL PART NUMBER INFORMATION
Global Part Numbering: CHPHT0805K1001FGT
GLOBAL
MODEL
SIZE
TCR
VALUE
TOLERANCE
TERMINATION (1)
PACKAGING
OPTION
CHPHT
0603
0805
1206
2010
K = 100 ppm
L = 200 ppm
The first 3 digits
are significant
figures and the
last digit specifies
the number of
zeros to follow.
R designates
decimal point
10R0 = 10
3901 = 3900
1004 = 1 M
F = ± 1 %
G = ± 2 %
J = ± 5 %
N: SnAg over nickel barrier
G: Gold over nickel barrier
For more
information see
“Codification of
packaging”
table
Leave blank
if no option
H
P
H
T
0805
K
C
10
0
1
F
GT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com