Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHPHT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CHPHT
Description  High Temperature (245 °C) Thick Film Chip Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CHPHT Datasheet(HTML) 2 Page - Vishay Siliconix

  CHPHT Datasheet HTML 1Page - Vishay Siliconix CHPHT Datasheet HTML 2Page - Vishay Siliconix CHPHT Datasheet HTML 3Page - Vishay Siliconix CHPHT Datasheet HTML 4Page - Vishay Siliconix CHPHT Datasheet HTML 5Page - Vishay Siliconix CHPHT Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CHPHT
www.vishay.com
Vishay Sfernice
Revision: 21-Jul-14
2
Document Number: 52032
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Refer to Application Note “Guidelines for Vishay Sfernice
Resistive and Inductive Components” (document number:
52029) for recommended reflow profile. Profile #3 applies.
POWER DERATING CURVE
PACKAGING
ESD packaging available: Waffle pack and plastic tape and
reel (low conductivity). Paper tapes available on request
(ESD only). (For 0603, 0805, and 1206 only.)
PACKAGING RULES
Waffle Pack
Can be filled up to maximum quantity indicated in the table
here above, taking into account the minimum order quantity.
When quantity ordered exceeds maximum quantity of a
single waffle pack, the waffle packs are stacked up on the
top of each other and closed by one single cover.
To get “not stacked up” waffle pack in case of ordered
quantity > maximum number of pieces per package:
Please consult Vishay Sfernice for specific ordering
code
Tape and Reel
Can be filled up to maximum quantity indicated in the table
here above, taking into account the minimum order quantity.
When quantity ordered is between the MOQ and the
maximum reel capacity, only one reel is provided.
When several reels are needed for ordered quantity
within MOQ and maximum reel capacity: Please consult
Vishay Sfernice for specific ordering code
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
SIZE
RESISTANCE
RANGE
RATED
POWER
Pn
W
(at 230 °C)
LIMITING
ELEMENT
VOLTAGE
V
MAX.
OVERLOAD
VOLTAGE
V
TOLERANCE
± %
TEMPERATURE
COEFFICIENT
± ppm/°C
CHPHT
0603
0.1 to 25M
0.0125
50
100
1, 2, 5
100, 200
CHPHT
0805
0.1 to 25M
0.02
150
300
1, 2, 5
100, 200
CHPHT
1206
0.1 to 50M
0.025
200
400
1, 2, 5
100, 200
CHPHT
2010
0.1 to 100M
0.1
200
400
1, 2, 5
100, 200
CLIMATIC SPECIFICATIONS
Operating temperature range
-55 °C to +230 °C
Storage temperature range
-55 °C to +245 °C
MECHANICAL SPECIFICATIONS
Substrate
Alumina
Technology
Thick film (Ruthenium oxyde)
Protection
Parts have double and
organic coating
(0R5 to 100M)
Terminations
N (W/A): SnAg over nickel
barrier for temperature
up to 200 °C
G (W/A) type: Gold (< 1 μm) over
nickel barrier for temperature
up to 245 °C
BEST TOL. AND TCR VERSUS OHMIC VALUE
TIGHTEST
TOLERANCE
OHMIC
VALUES
BEST TCR
ppm/°C
1 % (F)
5
 < R < 10M
100 (K)
2 % (G)
1
 < R < R max.
200 (L)
5 % (J)
0.1
 < R < R max.
200 (L)
Ambient Temperature in °C
1200
1000
800
600
400
200
0
50
200
100
300
0150
250
SIZE
NUMBER OF PIECESPER PACKAGE
TAPE
WIDTH
WAFFLE
PACK
TAPE AND REEL
MIN.
MAX.
0603
100
100
5000
8 mm
0805
4000
1206
140
2010
60
2000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com