Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHPHT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # CHPHT
Description  High Temperature (245 °C) Thick Film Chip Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CHPHT Datasheet(HTML) 3 Page - Vishay Siliconix

  CHPHT Datasheet HTML 1Page - Vishay Siliconix CHPHT Datasheet HTML 2Page - Vishay Siliconix CHPHT Datasheet HTML 3Page - Vishay Siliconix CHPHT Datasheet HTML 4Page - Vishay Siliconix CHPHT Datasheet HTML 5Page - Vishay Siliconix CHPHT Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CHPHT
www.vishay.com
Vishay Sfernice
Revision: 21-Jul-14
3
Document Number: 52032
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
POPULAR OPTIONS
For any option it is recommended to consult Vishay Sfernice for availability first.
Option: Enlarged terminations:
For stringent and special power dissipation requirements, the thermal resistance between the resistive layer and the solder joint
can be reduced using enlarged terminations chip resistors which are soldered on large and thick copper pads acting as heat
sinks (see application note: “Power Dissipation in High Precision Vishay Sfernice Chip Resistors and Arrays (P Thin Film, PRA
Arrays, CHP Thick Film” (www.vishay.com/doc?53048).
Option to order: 0063 (applies to size 1206/2010).
DIMENSIONS (Option 0063) in millimeters
SUGGESTED LAND PATTERN (Option 0063)
CASE
SIZE
AB
E
D
F
MAX. TOL.
+ 0.152
MIN. TOL.
- 0.152
MAX. TOL.
+ 0.127
MIN. TOL.
- 0.127
MAX. TOL.
+ 0.13
MIN. TOL.
- 0.13
MAX. TOL.
+ 0.13
MIN. TOL.
- 0.13
NOMINAL
NOMINAL
NOMINAL
NOMINAL
NOMINAL
MIN.
MAX.
1206
3.06 (0.120)
1.60 (0.063)
0.40 (0.016)
1.22 (0.048)
0.63 (0.024)
0.50 (0.020)
0.76 (0.030)
2010
5.08 (0.200)
2.54 (0.100)
0.48 (0.019)
2.23 (0.088)
0.63 (0.024)
0.50 (0.020)
0.76 (0.030)
CHIP SIZE
DIMENSIONS (in millimeters)
Zmax.
Gmin.
Xmax.
1206
3.91 (0.154)
0.50 (0.020)
1.73 (0.068)
2010
5.93 (0.233)
0.50 (0.020)
2.67 (0.105)
A
B
D
E
F
Enlarged
termination
Uncoated
ceramic
Bottom view for mounting
G
min.
Z
max.
X
max.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com