Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHPHT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CHPHT
Description  High Temperature (245 °C) Thick Film Chip Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CHPHT Datasheet(HTML) 1 Page - Vishay Siliconix

  CHPHT Datasheet HTML 1Page - Vishay Siliconix CHPHT Datasheet HTML 2Page - Vishay Siliconix CHPHT Datasheet HTML 3Page - Vishay Siliconix CHPHT Datasheet HTML 4Page - Vishay Siliconix CHPHT Datasheet HTML 5Page - Vishay Siliconix CHPHT Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CHPHT
www.vishay.com
Vishay Sfernice
Revision: 21-Jul-14
1
Document Number: 52032
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Temperature (245 °C) Thick Film Chip Resistor
For applications such as down hole applications or aircraft
breaking systems, the need for parts able to withstand very
severe conditions (temperature as high as 230 °C powered
or up to 245 °C un-powered) has leaded Vishay Sfernice to
push out the limit of the thick film technology. Designers
might read the application note “Power Dissipation
Considerations in High Precision Vishay Sfernice Thin Film
Chips Resistors and Arrays (P, PRA etc.) (High Temperature
Applications)” (www.vishay.com/doc?53047) in conjunction
with this data sheet to help them to properly design their
PCBs and get the best performances of the CHPHT.
Vishay Sfernice R&D engineers will be willing to support any
customer design considerations.
FEATURES
• High temperature (245 °C)
• Large ohmic value range 0.1
 to 100 M
• Operating temperature range
(-55 °C to +230 °C)
• SMD wraparound chip resistor
• Storage temperature range
(-55 °C to +245 °C)
• Gold terminations for HMP process (< 1 μm thick) for
temperature up to 245 °C
• Tin/silver terminations for operating temperature up to
200 °C
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Available
DIMENSIONS in millimeters
CASE SIZE
AB
C
D
E
± 0.152
± 0.127
± 0.127
± 0.127
± 0.127
0603
1.60
0.90
0.38
0.31
0.40
0805
1.85
1.25
0.38
0.31
0.50
1206
3.00
1.73
0.38
0.40
0.50
2010
5.03
2.64
0.50
0.50
0.50
A
B
C
E
D
SUGGESTED LAND PATTERN (to IPC-7351A)
CASE SIZE
Zmax.
Gmin.
Xmax.
0603
2.15
0.39
1.03
0805
2.70
0.44
1.38
1206
3.85
1.59
1.85
2010
5.88
3.62
2.77
G
min.
Z
max.
X
max.


Similar Part No. - CHPHT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CHPHR VISHAY-CHPHR Datasheet
112Kb / 7P
ESCC 4001/026 Qualified High Stability Thick Film Resistor Chips
19-Nov-14
More results

Similar Description - CHPHT

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
CLR0201 RIEDON-CLR0201 Datasheet
284Kb / 1P
Thick Film Chip Resistor
logo
Samsung semiconductor
RC1608J000CS SAMSUNG-RC1608J000CS Datasheet
5Mb / 40P
THICK-FILM CHIP RESISTOR
RC1608J111CS SAMSUNG-RC1608J111CS Datasheet
5Mb / 40P
THICK-FILM CHIP RESISTOR
RC1608F102CS SAMSUNG-RC1608F102CS Datasheet
5Mb / 40P
THICK-FILM CHIP RESISTOR
logo
Riedon Powertron
CLR0201 RIEDON-CLR0201_13 Datasheet
167Kb / 1P
Thick Film Chip Resistor
logo
Samsung semiconductor
RC0603J271CS SAMSUNG-RC0603J271CS Datasheet
73Kb / 2P
Thick - Film chip RESISTOR
RC1005J123CS SAMSUNG-RC1005J123CS Datasheet
5Mb / 40P
THICK-FILM CHIP RESISTOR
RC2012F2491CS SAMSUNG-RC2012F2491CS Datasheet
73Kb / 2P
Thick - Film chip RESISTOR
RP164PJ000CS SAMSUNG-RP164PJ000CS Datasheet
4Mb / 20P
THICK-FILM CHIP RESISTOR
logo
YAGEO Corporation
RC0100JR-070RL YAGEO-RC0100JR-070RL Datasheet
117Kb / 7P
Thick Film Chip Resistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com