Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TND027SW Datasheet(PDF) 5 Page - ON Semiconductor

Part # TND027SW
Description  Excellent Power Device
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TND027SW Datasheet(HTML) 5 Page - ON Semiconductor

  TND027SW Datasheet HTML 1Page - ON Semiconductor TND027SW Datasheet HTML 2Page - ON Semiconductor TND027SW Datasheet HTML 3Page - ON Semiconductor TND027SW Datasheet HTML 4Page - ON Semiconductor TND027SW Datasheet HTML 5Page - ON Semiconductor TND027SW Datasheet HTML 6Page - ON Semiconductor TND027SW Datasheet HTML 7Page - ON Semiconductor TND027SW Datasheet HTML 8Page - ON Semiconductor TND027SW Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TND027SW
No.7437-5/9
Operation Description
•
The output power MOSFET will be turned on when the input voltage exceeds the input threshold voltage (4 to 6V
is recommended), and then the lamp will be turned on by the current flowing to the lamp. Conversely, the output
power MOSFET will be turned off when the input voltage goes below the input threshold voltage, and the lamp
will be turned off.
•
The inrush current that occurs during normal lamp operation is limited to a preset value by the built-in overcurrent
protecting circuit, which makes the lamp life longer.
•
The internal overcurrent protection function limits the current of output power MOSFET when output current of at
least the overcurrent detecting current value flows at load short. Besides, if the device temperature exceeds the
allowable power dissipation, overheat protection function protects the power switch from being broken down by
turning off the current of output power MOSFET when Tj comes to 150°C (typical).
•
As an example of application circuit, DC voltage can also be controlled as a solenoid drive.
Addition
•
The diode between OUT and GND in the block diagram is parasitic diode of the MOSFET.
•
Not apply a voltage on IN terminal during the period when OUT voltage is lower then GND voltage when driving
a solenoid or a motor.
•
Be sure connect a diode between OUT terminal and GND terminal when you want to apply a voltage on IN terminal
under the above-stated state (that is, OUT Voltage < GND Voltage).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com