Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TND027SW Datasheet(PDF) 3 Page - ON Semiconductor

Part # TND027SW
Description  Excellent Power Device
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TND027SW Datasheet(HTML) 3 Page - ON Semiconductor

  TND027SW Datasheet HTML 1Page - ON Semiconductor TND027SW Datasheet HTML 2Page - ON Semiconductor TND027SW Datasheet HTML 3Page - ON Semiconductor TND027SW Datasheet HTML 4Page - ON Semiconductor TND027SW Datasheet HTML 5Page - ON Semiconductor TND027SW Datasheet HTML 6Page - ON Semiconductor TND027SW Datasheet HTML 7Page - ON Semiconductor TND027SW Datasheet HTML 8Page - ON Semiconductor TND027SW Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TND027SW
No.7437-3/9
0.2
0.4
0.6
0.8
1.2
1.4
1.0
2.0
1.8
1.6
0
123
VIN(th) -- Ta
IT05243
--50
--25
58
60
64
62
68
66
70
56
0.8
0
25
50
100
75
--50
--25
0
25
50
100
75
VDS, clamp -- Ta
IT05241
VIN, clamp -- Ta
IT05242
IO -- VIN
IT05244
1.0
2.0
1.8
1.6
1.4
1.2
VDS=24V
VIN=0V
IO=1mA
--50
--25
10
9
12
11
13
8
0
25
50
100
75
IIN=1mA
VDS=5V
IO=1mA
Ambient Temperature, Ta --
°C
Ambient Temperature, Ta --
°C
Ambient Temperature, Ta --
°C
Input Voltage, VIN -- V
2
4
6
8
10
12
0
456789
10
456789
10
--50
--25
4
5
7
6
8
9
3
0
25
50
100
75
IS -- Ta
IT05237
IS -- VIN
IT05238
ILMT -- VIN
IT05240
4V
5V
6V
--50
--25
4
5
7
6
8
9
3
0
25
50
100
75
ILMT -- Ta
IT05239
6V
5V
4V
4
5
7
6
8
9
3
Ta=25
°C
Ta=25
°C
Ambient Temperature, Ta --
°C
Ambient Temperature, Ta --
°C
Input Voltage, VIN -- V
Input Voltage, VIN -- V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com