Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TND027SW Datasheet(PDF) 1 Page - ON Semiconductor

Part # TND027SW
Description  Excellent Power Device
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TND027SW Datasheet(HTML) 1 Page - ON Semiconductor

  TND027SW Datasheet HTML 1Page - ON Semiconductor TND027SW Datasheet HTML 2Page - ON Semiconductor TND027SW Datasheet HTML 3Page - ON Semiconductor TND027SW Datasheet HTML 4Page - ON Semiconductor TND027SW Datasheet HTML 5Page - ON Semiconductor TND027SW Datasheet HTML 6Page - ON Semiconductor TND027SW Datasheet HTML 7Page - ON Semiconductor TND027SW Datasheet HTML 8Page - ON Semiconductor TND027SW Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
D0512 TKIM TC-00002832/O2611 TKIM/D2607IP TIIM TC-00001114/ No.7437-1/9
O2203 TSIM/51503 TSIM TA-100479
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
August, 2013
TND027SW
Excellent Power Device
Lowside Power Switch Lamp-, Solenoid-, and Motor-Driving, Dual SOIC8
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Features
•
N-channel MOSFET built in
•
Halogen free compliance
•
Overheat protection (Self recovery type)
•
Overcurrent protection (Self recovery type current limiting function)
•
Overvoltage protection
•
Incorporates two sets of circuit
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDS
60
V
Output Current
IO(DC)
1.5
A
Input Voltage
VIN
--0.3 to +10
V
Allowable Power Dissipation
PD
When mounted on ceramic substrate (1200mm2×0.8mm) 1unit
1.3
W
When mounted on ceramic substrate (1200mm2×0.8mm)
1.7
W
Operating Supply Voltage
VDS(opr)
40
V
Operating Temperature
Topr
--40 to +85
°C
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7072-003
IN
GND(S)
OUT(D)
Overvoltage
protective circuit
Overcurrent
protective
circuit
Output current
control
Overheat
protective
circuit
ESD
protective
circuit
Gate
shutdown
circuit
Ordering number : EN7437D
4.9
0.22
14
5
8
0.445
1.27
0.254 (GAGE PLANE)
1 : GND1
2 : IN1
3 : GND2
4 : IN2
5 : OUT2
6 : OUT2
7 : OUT1
8 : OUT1
SOIC8
Product & Package Information
• Package
: SOIC8
• JEITA, JEDEC
: SC-87, SOT-96
• Minimum Packing Quantity : 2,500 pcs./reel
Packing Type: TL
Marking
Block Diagram
TL
TND
LOT No.
027
TND027SW-TL-2H


Similar Part No. - TND027SW

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TND027SW SANYO-TND027SW Datasheet
51Kb / 6P
Lowside Power Switch Lamp-, Solenoid-and Motor-Driving Applications
TND027SW SANYO-TND027SW Datasheet
387Kb / 5P
Lowside Power Switch Lamp-, Solenoid-, and Motor-Driving Applications
TND027SW SANYO-TND027SW_11 Datasheet
387Kb / 5P
Lowside Power Switch Lamp-, Solenoid-, and Motor-Driving Applications
More results

Similar Description - TND027SW

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TN6Q04 SANYO-TN6Q04 Datasheet
40Kb / 4P
ExPD (Excellent Power Device) Quasi-Resonant Switching Power Supply ExPD
logo
ON Semiconductor
TND525SS-TL-2H ONSEMI-TND525SS-TL-2H Datasheet
461Kb / 13P
Excellent Power Device Half-bridge Drive, Single SOIC8
August, 2013
TND524VS-TL-H ONSEMI-TND524VS-TL-H Datasheet
419Kb / 11P
Excellent Power Device Single-phase High Side Drive, Single VEC8
August, 2013
TND322VD-TL-E ONSEMI-TND322VD-TL-E Datasheet
310Kb / 8P
Excellent Power Device
August, 2013
TND314S ONSEMI-TND314S Datasheet
318Kb / 8P
Excellent Power Device
August, 2013
TND315S ONSEMI-TND315S Datasheet
302Kb / 8P
Excellent Power Device
August, 2013
TND316S ONSEMI-TND316S Datasheet
320Kb / 8P
Excellent Power Device
August, 2013
TND321VD ONSEMI-TND321VD Datasheet
655Kb / 7P
Excellent Power Device
March 2015 - Rev. 1
TND323VD ONSEMI-TND323VD Datasheet
714Kb / 7P
Excellent Power Device
March 2015 - Rev. 2
TND523SS ONSEMI-TND523SS Datasheet
464Kb / 12P
Excellent Power Device
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com