Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TND027SW Datasheet(PDF) 4 Page - ON Semiconductor

Part # TND027SW
Description  Excellent Power Device
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TND027SW Datasheet(HTML) 4 Page - ON Semiconductor

  TND027SW Datasheet HTML 1Page - ON Semiconductor TND027SW Datasheet HTML 2Page - ON Semiconductor TND027SW Datasheet HTML 3Page - ON Semiconductor TND027SW Datasheet HTML 4Page - ON Semiconductor TND027SW Datasheet HTML 5Page - ON Semiconductor TND027SW Datasheet HTML 6Page - ON Semiconductor TND027SW Datasheet HTML 7Page - ON Semiconductor TND027SW Datasheet HTML 8Page - ON Semiconductor TND027SW Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TND027SW
No.7437-4/9
4.0
4.5
142
144
152
150
148
146
154
160
158
156
140
5.0
5.5
6.0
Tj(sd) -- VIN
IT05245
0
0.5
1.0
1.3
1.5
IT05247
0.2
0.4
0.8
0.6
1.0
1.4
1.2
1.3
0
PD -- Ta
PD(Circuit2) -- PD(Circuit1)
IT05248
Ambient Temperature, Ta --
°C
Input Voltage, VIN -- V
Allowable Power Dissipation, PD(Circuit1) -- W
--40
--20
20
0
406080
100
0.6
0.8
0.2
0.4
1.0
1.4
1.2
1.6
1.3
1.7
1.8
0
1unit
Total Dissipation
When mounted on ceramic substrate
(1200mm2
×0.8mm)
Sample Application Circuit
Another Sample Application Circuit (Solenoid drive)
AC100V
AC24V
OUT
Lamp
Lamp
Lamp
IN
5V 5V
IN 1
OUT 1
OUT 2
GND 1, 2
IN 2
5V
GND
TND027SW
TND027SW
Micro-
controller
Micro-
controller
Micro-
controller
AC100V
AC24V
OUT
Solenoid
Solenoid
IN
5V 5V
IN 1
OUT 1
OUT 2
GND 1, 2
IN 2
5V
GND
TND027SW
TND027SW
Micro-
controller
Micro-
controller
Micro-
controller



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com