Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TND027SW Datasheet(PDF) 2 Page - ON Semiconductor

Part # TND027SW
Description  Excellent Power Device
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TND027SW Datasheet(HTML) 2 Page - ON Semiconductor

  TND027SW Datasheet HTML 1Page - ON Semiconductor TND027SW Datasheet HTML 2Page - ON Semiconductor TND027SW Datasheet HTML 3Page - ON Semiconductor TND027SW Datasheet HTML 4Page - ON Semiconductor TND027SW Datasheet HTML 5Page - ON Semiconductor TND027SW Datasheet HTML 6Page - ON Semiconductor TND027SW Datasheet HTML 7Page - ON Semiconductor TND027SW Datasheet HTML 8Page - ON Semiconductor TND027SW Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TND027SW
No.7437-2/9
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min.
typ.
max.
Drain-to-Source Clamp Voltage
VDS, clamp VIN=0V, IO=1mA
60
V
Output-OFF Current
IDSS1VIN=0V, VDS=50V
10
μA
IDSS2VIN=0V, VDS=12V
5
μA
Input Threshold Voltage
VIN(th)
VDS=5V, IO=1mA
1.0
1.5
2.0
V
Protection Circuit Operating Input Voltage
VIN(opr)
4
10
V
Drain-to-Source ON Resistance
RDS(on)
VIN=5V, IO=1A
0.3
0.4
Ω
Input Current (Output On)
IIN
VIN=5V
0.6
mA
Over-Heat Detecting Temperature
Tj(sd)
VIN=5V, IO=1A
120
150
190
°C
Over-Current Detecting Current
Is
VIN=5V
3.0
6.0
9.0
A
Over-Current Limit (Peak)
ILMT
VIN=5V
3.0
6.0
9.0
A
Input Clamp Voltage
VIN, clamp
IIN=1mA
10
V
Notes : 1. Overcurrent protection circuit limits the output current to the range of overcurrent limit value.
2. During overheat protecting operation, output current is turned off.
Ordering Information
Devices
Package
Shipping
memo
TND027SW-TL-2H
SOIC8
2,500pcs./reel
Pb Free and Halogen Free
0.2
0.4
0.6
0.8
1.2
1.0
1.4
0
02468
10
12
0.2
0.4
0.6
0.8
1.0
0
02468
10
IIN -- Ta
IT05235
--50
--25
0.1
0.2
0.3
0.4
0.5
0
0
0
25
50
100
75
--50
--25
0
25
50
100
75
IT05233
RDS(on) -- VIN
RDS(on) -- Ta
IT05234
IIN -- VIN
IT05236
0.02
0.12
0.10
0.08
0.06
0.04
VIN=5V
I IN
(abnormal)
IIN(normal)
IO=1A
IO=1A
Ta=85°C
25°C
--40°C
4V
5V
6V
Ta=25
°C
Ambient Temperature, Ta --
°C
Ambient Temperature, Ta --
°C
Input Voltage, VIN -- V
Input Voltage, VIN -- V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com