Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9030M/IW/FP1Q Datasheet(PDF) 7 Page - Mitel Networks Corporation

Part # ACE9030M/IW/FP1Q
Description  Radio Interface and Twin Synthesiser
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9030M/IW/FP1Q Datasheet(HTML) 7 Page - Mitel Networks Corporation

Back Button ACE9030M/IW/FP1Q Datasheet HTML 3Page - Mitel Networks Corporation ACE9030M/IW/FP1Q Datasheet HTML 4Page - Mitel Networks Corporation ACE9030M/IW/FP1Q Datasheet HTML 5Page - Mitel Networks Corporation ACE9030M/IW/FP1Q Datasheet HTML 6Page - Mitel Networks Corporation ACE9030M/IW/FP1Q Datasheet HTML 7Page - Mitel Networks Corporation ACE9030M/IW/FP1Q Datasheet HTML 8Page - Mitel Networks Corporation ACE9030M/IW/FP1Q Datasheet HTML 9Page - Mitel Networks Corporation ACE9030M/IW/FP1Q Datasheet HTML 10Page - Mitel Networks Corporation ACE9030M/IW/FP1Q Datasheet HTML 11Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
ACE9030
7
Parameter
Min.
Typ.
Max.
Unit
Conditions
CONTROL BUS
Clock rate CL input
1008
kHz
Clock duty cycle CL input
40
50
60
%
t
DS, input data set-up time
80
ns
See Fig. 7
t
DH, input data hold time
80
ns
See Fig. 7
t
CWL, tCWH, CL input pulse width (to bus logic)
400
600
ns
See Fig. 7
t
CL, delay time, clock to latch
440
ns
See Fig. 7
t
LW, latch pulse high time
230
ns
See Fig. 7
t
LH, delay time, latch to clock
220
ns
See Fig. 7
t
DSO, output data set-up time
80
ns
See Fig. 8
t
DHO, output data hold time
80
ns
See Fig. 8
t
ZS, DATA line available to ACE9030
80
1200
ns
See Fig. 8
t
ZH, DATA line released by ACE9030
80
1200
ns
See Fig. 8
t
CD, delay from received message to
4
4
cycles
See Figs. 8 and 10
transmitted response
of CL
Rise and Fall times, all digital inputs:
50
ns
DIGITAL OUTPUTS
DOUT0 and 1 On time to V
DD – 0·2 V
100
µs
100 nF load and from
DOUT0 and 1 Off time to > 1 M
Ω
100
µs
LATCHB rising edge
DOUT5, 6 and 7 rise and fall times
10
µs
30 pF load and to D.C.
DOUT8 rise and fall time
10
µs
specification noise
A to D CONVERTER
Lowest transition, 0000 0000 to 0000 0001
0·07
0·15
0·23
V
Bandgap multiplier
Highest transition, 1111 1110 to 1111 1111
3·35
3·45
3·55
V
correctly trimmed
ADC conversion time (20 cycles of CL)
20
µs
CL = 1008 kHz
Input scanning rate (CL
÷ 40)
25·2
kHz
CL = 1008 kHz
Integral Non-linearity
– 1
+ 1
LSB
Differential Non-linearity
– 0·8
+ 0·8
LSB
Power supply sensitivity
3
LSB/0.3V
0 to 10 kHz
CRYSTAL OSCILLATOR
Start-up time of crystal oscillator
5
ms
Crystal effective series resistance (ESR)
25
Ω
Power dissipation in crystal
50
150
µW
D to A CONVERTERS
Full scale output level, DAC1, DAC2 & DAC3
3·35
3·45
3·55
V
Bandgap multiplier
Zero scale output level, DAC1
1·0
1·2
V
trimmed to nominal
Zero scale output level, DAC2 & DAC3
0·3
0·5
V
reference voltage
Integral Non-linearity
– 1
+ 1
LSB
Differential Non-linearity
– 0·5
+ 0·5
LSB
Output wideband and clock noise:
50 Hz to 1·1 MHz, flat integration
3
mV
rms
Power supply rejection ratio
30
dB
50 Hz to 25 kHz.
Settling time to within 10% of end of step
6
µs
DAC1 and DAC2
(DAC3 with external 15 k
Ω resistor)
10 pF load
Output load capacitance, DAC1 and DAC2
100
nF
Output load capacitance, DAC3
30
pF
To guarantee stability
Internal series resistor, DAC1 and DAC2
7
15
40
k
Ω
DAC3 output current, sink or source
1·0
mA
ELECTRICAL CHARACTERISTICS
These characteristics apply over these ranges of conditions (unless otherwise stated):
T
AMB = – 40 °C to + 85 °C, VDD = + 3·6 to + 5·0 V, GND ref. = VSS
A.C. Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com