Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9030M/IW/FP1Q Datasheet(PDF) 16 Page - Mitel Networks Corporation

Part # ACE9030M/IW/FP1Q
Description  Radio Interface and Twin Synthesiser
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9030M/IW/FP1Q Datasheet(HTML) 16 Page - Mitel Networks Corporation

Back Button ACE9030M/IW/FP1Q Datasheet HTML 12Page - Mitel Networks Corporation ACE9030M/IW/FP1Q Datasheet HTML 13Page - Mitel Networks Corporation ACE9030M/IW/FP1Q Datasheet HTML 14Page - Mitel Networks Corporation ACE9030M/IW/FP1Q Datasheet HTML 15Page - Mitel Networks Corporation ACE9030M/IW/FP1Q Datasheet HTML 16Page - Mitel Networks Corporation ACE9030M/IW/FP1Q Datasheet HTML 17Page - Mitel Networks Corporation ACE9030M/IW/FP1Q Datasheet HTML 18Page - Mitel Networks Corporation ACE9030M/IW/FP1Q Datasheet HTML 19Page - Mitel Networks Corporation ACE9030M/IW/FP1Q Datasheet HTML 20Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
16
ACE9030
Fig. 13 Typical Lock Detect Waveforms
Pulses can occur on the LOCK signal at a rate up to the
higher of the Main and Auxiliary comparison frequencies, and
typically either 12·5 kHz for ETACS (50 kHz if Fractional-N is
used) or 30 kHz for AMPS so some extra filtering is needed to
get a clean lock indicator.
LOCK is filtered by first sampling at 504 kHz (the bus clock
CL divided by two) and then counting the number of HIGH
samples in a pre-determined period. There are two selections
available for this counting period, approximately 160
µs (2
periods of 12·5 kHz or 8 of 50 kHz) or approximately 167
µs (5
periods of 30 kHz) which are set by a second counter, also
running at 504 kHz and with a fixed modulus of 80 or 84. LOCK
is stable for each comparison period so the counts for each
comparison frequency are always in blocks of 40 for 12·5 kHz,
10 for 50 kHz or 16 for 30 kHz.
The value in the LOCK sample counter is compared with
a threshold previously set by another bus command, to
determine if the loops are locked, the result is then output as
the last bit in the pre-amble word in the response to a Normal
command, before the ADC levels are given, as described in
the section Polling A to D converter.
The filter period is selected by the following Set-up
command where DATA1 bit D
5 sets the period to one of the two
values to suit whichever cellular system is to be used:
DATA1
DATA2
DATA3
xx D
5 xxxxx
10xxxxxx
xx1xxx00
DATA1:5 = 0 sets 160
µs for ETACS (Window count = 80) and
DATA1:5 = 1 sets 167
µs for AMPS (Window count = 84).
The threshold is set by a Normal command:
DATA1 bits D
7 to D1 form a 7 bit binary number in the range
Polling A To D Converter
A five channel polling Analog to Digital Converter is used
to monitor various analog levels, such as Received Signal
Strength, Transmitter Power, Temperature and Battery Volt-
age. The 8 bit ADC has a nominal range of 0·15 V to 3·45 V for
codes 00 to FF and is connected to each input channel, ADC1
to ADC5, in turn by the scanning logic. The results are put into
individual registers for reading by the microcontroller. The
successive approximation technique is used, with the bus
clock CL controlling both the timing of the conversion and also
the polling around the inputs. The voltage reference for the
ADC is shared with the three DAC’s and is derived from the
bandgap voltage through a trimming multiplier which can be
monitored on DOUT8 and is described in the section Band-
Gap Reference. Some channels are scanned more frequently
than others, with the pattern:
5, 1, 5, 2, 5, 1, 5, 3, 5, 1, 5, 4,
which repeats continuously. With clock CL at its normal
1008 kHz frequency, the scanning rates are 12·6 kHz for
ADC5, 6·3 kHz for ADC1 and 2·1 kHz for ADC2, 3 and 4.
Channels 2 and 3 each have two options, 2A, 2B and 3A,
3B as pins to connect to alternative points to monitor. The
selection is by a Set-up command:
DATA1
DATA2
DATA3
xxxxxxxx
10xxx D
2 D1 x
xxxxxx00
where DATA2 bit D
2 selects ADC3B when HIGH or ADC3A
when LOW for measurement by channel 3, and DATA2 bit D
1
selects ADC2B when HIGH or ADC2A when LOW for meas-
urement by channel 2.
0 to 127, which is the threshold value to be loaded. The window
period of 80 or 84 clock cycles sets the maximum count value
that can be found; the effect of unlock is to reduce the actual
count by at least one comparison period’s worth of samples
40, 10, or 16 so a suitable threshold can easily be chosen.
Assuming that the maximum sensitivity is required the thresh-
old should be set at just above the maximum count (80 or 84)
minus the effect of one unlock count (40, 10, or 16), to give
suggested thresholds of at least 42 (for 12·5 kHz) or 72 (for 50
kHz) or 70 (for 30 kHz). In each case any convenient number
between these suggestions and the maximum count may be
used as the selection is not critical.
DATA1
DATA2
DATA3
D
7 D6 D5 D4 D3 D2 D1 x
01x1xxxx
xxxxxxxx
INDICATES
ACTIVE EDGE
IN THE PHASE
COMPARATOR
LOCK
ADEQUATE LOCK
UNLOCK
+ 2 X
XO
REF.CLOCK
(XO)
COMP. FREQ.
(MAIN)
TIME WINDOW
(MAIN)
PROG. DIVIDER
(MAIN)
MAIN LOCK
AUX.LOCK,
DERIVED SIMILARLY
LOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com