Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9030M/IW/FP1Q Datasheet(PDF) 15 Page - Mitel Networks Corporation

Part # ACE9030M/IW/FP1Q
Description  Radio Interface and Twin Synthesiser
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9030M/IW/FP1Q Datasheet(HTML) 15 Page - Mitel Networks Corporation

Back Button ACE9030M/IW/FP1Q Datasheet HTML 11Page - Mitel Networks Corporation ACE9030M/IW/FP1Q Datasheet HTML 12Page - Mitel Networks Corporation ACE9030M/IW/FP1Q Datasheet HTML 13Page - Mitel Networks Corporation ACE9030M/IW/FP1Q Datasheet HTML 14Page - Mitel Networks Corporation ACE9030M/IW/FP1Q Datasheet HTML 15Page - Mitel Networks Corporation ACE9030M/IW/FP1Q Datasheet HTML 16Page - Mitel Networks Corporation ACE9030M/IW/FP1Q Datasheet HTML 17Page - Mitel Networks Corporation ACE9030M/IW/FP1Q Datasheet HTML 18Page - Mitel Networks Corporation ACE9030M/IW/FP1Q Datasheet HTML 19Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
ACE9030
15
FUNCTIONAL DESCRIPTION - BLOCKS IN THE RADIO INTERFACE
Power-On Reset Generator
To ensure a tidy start-up there is an internal power-on
detector to initialise various registers.
This initialisation leaves the Radio Interface in Sleep
mode with the crystal and 8·064 MHz oscillators running. The
8·064 MHz PLL will be set up for a 15·36 MHz crystal as a
default to ensure the microprocessor is not clocked too fast
during the start up sequence. Any Normal command can be
used to change to active operation.
A software Restart command can be sent to force the
Radio Interface to the power-on reset state. This command is:
DATA1
DATA2
DATA3
xxxxxxxx
10xxxxxx
xxxxxx11
Digital Outputs
The nine digital outputs, DOUT8 to DOUT0, are used to
control the status or function of radio subsections external to
the ACE9030 and are controlled by a Normal type command
with a logic “1” setting the output to HIGH or ON and a logic “0”
giving LOW or OFF.
Outputs DOUT0 and DOUT1 are power switches from
V
DDX to supply Front-End circuits. Both are forced to OFF in
Sleep mode.
Fig. 12 Lock Detect Block Diagram
Lock Detect Filter
The Lock Detect Filter processes the phase errors in both
synthesisers to give a clean signal to put onto the bus as a
single bit added to the ADC read response.
In the synthesiser section of the ACE9030 the time
differences between the active edges of the outputs of the
programmable dividers and of the reference divider are com-
pared with a window of two cycles of the reference clock, XO,
from the crystal oscillator. If a loop has a time difference, or
phase error, larger than this window then that loop is deemed
unlocked and its lock signal is held low for a whole comparison
period, giving a Main Lock and an Auxiliary Lock signal. When
both synthesisers are active the error signals are combined by
an AND function to give the internal signal LOCK. If either
synthesiser is powered down its lock is disregarded and if both
are powered down the ACE9030 will always give LOCK at
LOW, the unlocked state, to be output on the bus. This final
signal LOCK is normally HIGH to indicate locked loops but will
pulse low for one or more comparison periods when an active
synthesiser is unlocked.
Outputs DOUT2 to DOUT4 are logic level outputs to
control various functions in the cellphone. DOUT2 and
DOUT3 are forced to HIGH and DOUT4 is forced to high
impedance in Sleep mode.
Outputs DOUT5 to DOUT7 are low current outputs with
reduced voltage swing to control power down in the ACE9010
and ACE9020. All three are forced to LOW in Sleep mode.
Output DOUT8 can be driven by the buffered Band-gap
based ADC reference voltage and is included for test and
setting-up purposes, as well as for driving a temperature
sensing thermistor read through one of the ADC channels.
DOUT8 is forced to high impedance in Sleep mode.
The control formats are Normal commands:
DATA1
DATA2
DATA3
D
7 D6 D5 D4 D3 D2 D1 D0
01xxx1xx
xxxxxxxx
where DATA1 bits 7 to 0 control DOUT7 to DOUT0 respec-
tively when enabled by DATA2 bit 2, and:
DATA1
DATA2
DATA3
xxxxxxxx
01xxxxxx
xx D
5 xxxxx
where DATA3 bit 5 controls DOUT8 directly.
MAIN COMP.
FREQUENCY
MAIN PROG.
DIVIDER
AUX. PROG.
DIVIDER
AUX. COMP.
FREQUENCY
COMPARE
TIMING
COMPARE
TIMING
ADD +2X0
WINDOW
ADD +2X0
WINDOW
CL
(1.008 MHz)
504 kHz
LOCK
LEVEL SET
FROM BUS
TO BUS
THRESHOLD
REGISTER
COMPARATOR
7 BIT
COUNTER
WINDOW
COUNT: 80/84
: 2
WINDOW SET FROM BUS
START/STOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com