Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9030M/IW/FP1Q Datasheet(PDF) 13 Page - Mitel Networks Corporation

Part # ACE9030M/IW/FP1Q
Description  Radio Interface and Twin Synthesiser
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9030M/IW/FP1Q Datasheet(HTML) 13 Page - Mitel Networks Corporation

Back Button ACE9030M/IW/FP1Q Datasheet HTML 9Page - Mitel Networks Corporation ACE9030M/IW/FP1Q Datasheet HTML 10Page - Mitel Networks Corporation ACE9030M/IW/FP1Q Datasheet HTML 11Page - Mitel Networks Corporation ACE9030M/IW/FP1Q Datasheet HTML 12Page - Mitel Networks Corporation ACE9030M/IW/FP1Q Datasheet HTML 13Page - Mitel Networks Corporation ACE9030M/IW/FP1Q Datasheet HTML 14Page - Mitel Networks Corporation ACE9030M/IW/FP1Q Datasheet HTML 15Page - Mitel Networks Corporation ACE9030M/IW/FP1Q Datasheet HTML 16Page - Mitel Networks Corporation ACE9030M/IW/FP1Q Datasheet HTML 17Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
ACE9030
13
Radio Interface Bus - Transmit
The output Preamble word begins with a fixed pattern
1010 and then includes the source code number (Y1, Y0) for
the Result words and the status of the Lock Detect from the
synthesiser, all as described in the section Polling A to D
Converter.
The ACE9030 only drives the bus in response to a request
for data by a Normal command as described above. To avoid
any bus contention, there is a delay from the end of a data
request to the start of the response, see figure 10. The data will
start on the fifth rising edge of CL after the rising edge of
LATCHB.
Fig.10 Radio Interface transmit bus timing
Synthesiser Bus - Receive Only
The overall format to control the synthesiser is basically the
same as for the Radio Interface. There is an option of a 32 bit
sequence for the A word. The width of the LATCHC pulse is
used to set the duration of speed-up mode when changing
channels.
Fig.11 Synthesiser bus timing
CL
DATA3
LATCHB
PREAMBLE
RESULT1
RESULT2
7 6 5 4 3 2 1 0
7 6 5 4 3 2 1 0
7 6 5 4 3 2 1 0
1 2 3 4 5
CL
DATA (WORD A)
DATA (WORD B)
DATA (WORD C)
DATA (WORD D)
DATA (WORD A2)
LATCHC
DURATION OF MAIN SYNTHESISER SPEED-UP MODE
DATA (DUMMY WORD)
- ONLY USED TO ALLOW
LATCHC TO REMAIN HIGH
LG
DA
DM
SA
SM
NR
0101
11
11
FMOD
N1
N2
CN
NF
0001
1001
D
DM
N1
N2
NF
0
00
K
L
CN
7 6 5 4 3 2 1 0 11 10 9 8 7 6 5 4
3 2 1 0
2 1 0
1 0 3 2 1 0 7 6 5
4 3 2 1 0 3
2 1 0
11 10 9 8 7 6 5 4 3
2 1 0
not used
1 0
1 0 11 10 9 8 7 6 5 4 3 2 1
0
7 6 5 4 3 2 1 0 7
6 5 4 3 2 1 0 11 10 9 8 7
6 5 4 3 2 1 0 2 1 0
not used - any data may fill space
TEST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com