Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9030M/IW/FP1Q Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # ACE9030M/IW/FP1Q
Description  Radio Interface and Twin Synthesiser
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9030M/IW/FP1Q Datasheet(HTML) 5 Page - Mitel Networks Corporation

  ACE9030M/IW/FP1Q Datasheet HTML 1Page - Mitel Networks Corporation ACE9030M/IW/FP1Q Datasheet HTML 2Page - Mitel Networks Corporation ACE9030M/IW/FP1Q Datasheet HTML 3Page - Mitel Networks Corporation ACE9030M/IW/FP1Q Datasheet HTML 4Page - Mitel Networks Corporation ACE9030M/IW/FP1Q Datasheet HTML 5Page - Mitel Networks Corporation ACE9030M/IW/FP1Q Datasheet HTML 6Page - Mitel Networks Corporation ACE9030M/IW/FP1Q Datasheet HTML 7Page - Mitel Networks Corporation ACE9030M/IW/FP1Q Datasheet HTML 8Page - Mitel Networks Corporation ACE9030M/IW/FP1Q Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
ACE9030
5
Parameter
Min.
Typ.
Max.
Unit
Conditions
Power supply
Supply current, Radio Interface:
Sleep mode
2.3
2·7
mA
XO, OSC8 on
Fully operating (excluding I
DDX)
7
mA
(see Note 1)
Supply current, Synthesisers: V
DD=5V
f
REF
= 10 MHz
Main and Auxiliary ON
5
mA
f
MAIN = 10 MHz
Main ON and Auxiliary in Standby
3.7
mA
f
AUX
= 10 MHz
Main in Standby and Auxiliary ON
3
mA
(see Note 2)
Main and Auxiliary in Standby, with Bandgap off
100
µA
Supply current, Synthesisers:
f
REF
= 15 MHz
Main and Auxiliary ON
3
mA
f
MAIN = 16 MHz
Main ON and Auxiliary in Standby
2
mA
f
AUX
= 90 MHz
Main in Standby and Auxiliary ON
2
mA
(see Note 2)
Main and Auxiliary in Standby
100
µA
Input and output signals
Logic input HIGH (LATCHC, LATCHB, DATA,
CL, and TEST)
0·7 x V
DD
V
DD + 0·3
V
Logic input LOW (LATCHC, LATCHB, DATA,
CL, and TEST)
– 0·3
+ 0·8
V
Input capacitance (signal pins)
10
pF
Pin voltage
Input leakage (signal pins)
1
µAV
SS to VDD
Logic output HIGH (RXCD, DATA, AFCOUT,
V
DD – 0·5
V
TEST and DOUT2, 3 and 4)
External load:
Logic output LOW (RXCD, DATA, AFCOUT,
0·4
V
20 k
Ω & 30 pF
TEST and DOUT2, 3 and 4)
Output ON level, DOUT0 and DOUT1
V
DDX – 0·2
V
I
OH = 20 mA.
Output HIGH level, DOUT5, 6 and 7
2·3
2·9
V
I
OH = 80 µA
Output LOW level, DOUT5, 6 and 7
0·3
V
I
OL = 0.2 µA
Trimmed output level ON, DOUT8
3·35
3·55
V
I
OH = 135 to 400 µA.
Level difference, DOUT8 ON – ADC reference
– 5
+ 15
mV
Output level OFF, DOUT8
0.4
V
MODMP, MODMN output HIGH
V
DD/2 + 0·35
V
DD/2 + 1·0
V
I
OH = 10 µA
MODMP, MODMN output LOW
V
DD/2 – 1·0
V
DD/2 – 0·35
V
I
OL = – 10 µA
Input Schmitt Hysteresis, pins CL, LATCHB,
0·3
V
LATCHC, DATA.
Analog circuits bias resistor on I
REF
68
k
Ω
V
DD @ 3·75 V
100
k
Ω
V
DD @ 4·85 V
ELECTRICAL CHARACTERISTICS
These characteristics apply over these ranges of conditions (unless otherwise stated):
T
AMB = – 40 °C to + 85 °C, VDD
= + 3·6 to + 5·0 V, GND ref. = V
SS
D.C. Characteristics
Notes
1. The sleep current is specified with the crystal oscillator (XO) and the OSC8 oscillator and PLL running as these are normally needed to provide
the clock to the system controller.
2. The terms f
REF, fMAIN, and fAUX refer to the frequencies of the Reference inputs (Crystal oscillator, pins CIN1 and CIN2), the Main synthesiser
inputs (pins FIM and FIMB) and the Auxiliary synthesiser inputs (pins FIA and FIAB) respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com