Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9040 Datasheet(PDF) 9 Page - Mitel Networks Corporation

Part # ACE9040
Description  Radio Interface and Twin Synthesiser
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9040 Datasheet(HTML) 9 Page - Mitel Networks Corporation

Back Button ACE9040 Datasheet HTML 5Page - Mitel Networks Corporation ACE9040 Datasheet HTML 6Page - Mitel Networks Corporation ACE9040 Datasheet HTML 7Page - Mitel Networks Corporation ACE9040 Datasheet HTML 8Page - Mitel Networks Corporation ACE9040 Datasheet HTML 9Page - Mitel Networks Corporation ACE9040 Datasheet HTML 10Page - Mitel Networks Corporation ACE9040 Datasheet HTML 11Page - Mitel Networks Corporation ACE9040 Datasheet HTML 12Page - Mitel Networks Corporation ACE9040 Datasheet HTML 13Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
ACE9030
9
ELECTRICAL CHARACTERISTICS
These characteristics apply over these ranges of conditions (unless otherwise stated):
T
AMB = – 40 °C to + 85 °C, all VDD = + 3·6 to + 5·0 V, GND ref. = VSS
A.C. Characteristics (continued)
Note
8. To simplify single ended drive there is a resistor between FIA and FIAB and another between FIM and FIMB. In this mode the inputs should
drive FIA or FIM with D.C. coupling and the other inputs FIAB and FIMB should be decoupled to ground by external capacitors.
Parameter
Min.
Typ.
Max.
Unit
Conditions
LO2 Multiplier
Amplitude
235
500
mV
rms
Circuit as in fig. 15,
Reference frequency content of output
-10.5
dBc
2nd, 4th harmonic content of output
-13.5
dBc
5th harmonic of output
-15
dBc
6th and higher harmonics in output
-20
dBc
SYNTHESISERS
Reference divider
Reference divider input frequency
5
30
MHz
Drive level into CIN1 from external oscillator
400
mV
pk-pk
With crystal oscillator
powered down
CIN1 input capacitance
10
pF
CIN1 input resistance
10
k
Ω
Auxiliary synthesiser
FIA input frequency
10
135
MHz
May be a sinewave
Rise and fall times of inputs
10
ns
Timing Skew between FIA and FIAB
± 2
ns
See Fig. 6
or
± 10%
signal Both maxima
period must be met
FIA, FIAB differential signal level with both
180
mV
pk-pk
Each input, 5 to 50 &
sides driven
99 to 135 MHz
100
mV
pk-pk Each input,
50 to 99 MHz
FIA single input drive level with FIAB
360
mV
pk-pk
One input, 5 to 50 &
decoupled to V
SS
99 to 135 MHz
200
mV
pk-pk
One input,
50 to 99 MHz
FIA, FIAB common mode range
V
DD – 1·7
V
DD – 0·7
V
V
DD = 3.6V
FIA, FIAB common mode range
2.8
V
DD – 0·85
V
V
DD = 5V
FIA, FIAB input capacitance
10
pF
FIA, FIAB differential input resistance
10
k
Ω
Note 8
Auxiliary Synthesiser comparison frequency
2
MHz
Main Synthesiser
FIM input frequency
4
20
MHz
Rise and fall times of inputs
50
ns
FIM - FIMB Timing Skew
± 2
ns
See Fig. 6
or
± 10%
signal Both maxima
period must be met
FIM, FIMB differential signal level
100
mV
pk-pk
Each input,
with both sides driven.
4 to 20 MHz
FIM single input drive level
200
1000
mV
pk-pk
One input,
with FIMB decoupled to V
SS
4 to 20 MHz
FIM, FIMB common mode range
V
DD – 1·7
V
DD – 0·7
V
V
DD =3.6V
FIM, FIMB common mode range
2·8
V
DD – 0·85
V
V
DD =5V
FIM, FIMB input capacitance
10
pF
FIM, FIMB differential input resistance
10
k
Ω
Note 8
Delay FIM rising to MODMP/MODMN changing
30
ns
Main Synthesiser comparison frequency
2
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com