Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9040 Datasheet(PDF) 19 Page - Mitel Networks Corporation

Part # ACE9040
Description  Radio Interface and Twin Synthesiser
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9040 Datasheet(HTML) 19 Page - Mitel Networks Corporation

Back Button ACE9040 Datasheet HTML 15Page - Mitel Networks Corporation ACE9040 Datasheet HTML 16Page - Mitel Networks Corporation ACE9040 Datasheet HTML 17Page - Mitel Networks Corporation ACE9040 Datasheet HTML 18Page - Mitel Networks Corporation ACE9040 Datasheet HTML 19Page - Mitel Networks Corporation ACE9040 Datasheet HTML 20Page - Mitel Networks Corporation ACE9040 Datasheet HTML 21Page - Mitel Networks Corporation ACE9040 Datasheet HTML 22Page - Mitel Networks Corporation ACE9040 Datasheet HTML 23Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
ACE9030
19
8·064 MHz Oscillator
Fig. 16 OSC8 Block Diagram
Table 2
Command
Crystal
Crystal
PLL comp.
OSC8
Exact CLK8
Error
Data D2 D1 D0
frequency
divider
freq. (kHz)
divider
output (MHz)
(ppm)
1 0 0
12·8 MHz
÷100
128
÷63
8·064
0
0 1 1
14·85 MHz
÷825
18
÷448
8·064
0
1 0 1
14·85 MHz
÷337
44·065281
÷183
8·0639466
–7
1 1 0*
15·36 MHz
÷120
128
÷63
8·064
0
* Power up default
An 8·064 MHz oscillator OSC8 is provided to drive the
ACE9050 System Controller through pin CLK8. ACE9050
further drives the ACE9040 Audio Processor and the CL bus
clock via a
÷ 8 divider. OSC8 is locked to the crystal oscillator
by a phase locked loop with an external filter on pin C8B.
This loop can be programmed by a Set-up command to
give the correct output frequency with any of the normally used
crystals. Note that the same Set-up command uses DATA1 bit
D
5 for the lock logic and bits D7 and D6 for the Discriminator
programming:
DATA1
DATA2
DATA3
xxxxx D
2 D1 D0
10xxxxxx
xx1xxx00
where D
2 D1 D0 act as in table 2. At power-on reset the setting
is D
2 D1 D0 = 110, the values for a 15·36 MHz crystal, so that
the microcontroller is never clocked too fast with any of the
crystals and can then send the Set-up message to set D
2 D1
D
0 to the correct levels.
With a 14·85 MHz crystal it is not possible to both use a
high comparison frequency and get the exact 8·064 MHz
output, so two options are provided. The lower comparison
frequency will give the output exactly correct but will need
larger capacitors in the loop filter and the higher option allows
smaller capacitors and can improve close-in phase noise by
having a larger loop bandwidth, but gives a very small fre-
quency error - this error should have no effect in a practical
cellular terminal.
A Sleep command will not change the status of OSC8; if
enabled it will remain active when put into Sleep mode and
when returning to Normal mode. If the OSC8 oscillator is not
required it can be switched off by a Set-up command:
DATA1
DATA2
DATA3
xxxxxxxx
10xxxxx D
0
xxxxxx00
where DATA2 bit D0 at LOW gives OSC8 OFF or DATA2 bit
D
0 at HIGH gives OSC8 ON.
To allow for design and manufacturing tolerances the
VCO can be trimmed by two set-up commands, each of which
loads a 6 bit value in DATA1 into a control register. One sets
frequency “Range” (effectively the VCO gain but also with an
effect on the centre frequency):
DATA1
DATA2
DATA3
xx D
5 D4 D3 D2 D1 D0
10x1xxxx
xxxxxx00
The default values loaded by the power-on reset are
Offset = 0A
HEX and Range = 21HEX and were chosen to help
ensure that the output clock on CLK8 does not run faster than
8·064 MHz while better values are to be loaded. These default
values can usually be left unchanged for normal operation.
The output of the phase comparator charge pump is on
pin C8B so that an external loop filter can be connected. This
loop filter then drives the VCO control voltage, also through
DATA1
DATA2
DATA3
xx D
5 D4 D3 D2 D1 D0
10xx1xxx
xxxxxx00
The other sets frequency “Offset” (effectively the VCO
centre frequency but also with an effect on the gain):
RANGE &
OFFSET
FROM BUS
RATIO, FROM BUS
8.064 MHz OUTPUT FREQUENCY
PHASE
DETECTOR
C8B
RATIO, FROM BUS
: 63/183/448
EXTERNAL
LOOP
FILTER
CLK8
CHARGE
PUMPS
DOWN
UP
50
µA
50
µA
φ
φ
: 100/337/825
CRYSTAL
FREQUENCY
(XO)
VCO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com