Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9040 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # ACE9040
Description  Radio Interface and Twin Synthesiser
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9040 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  ACE9040 Datasheet HTML 1Page - Mitel Networks Corporation ACE9040 Datasheet HTML 2Page - Mitel Networks Corporation ACE9040 Datasheet HTML 3Page - Mitel Networks Corporation ACE9040 Datasheet HTML 4Page - Mitel Networks Corporation ACE9040 Datasheet HTML 5Page - Mitel Networks Corporation ACE9040 Datasheet HTML 6Page - Mitel Networks Corporation ACE9040 Datasheet HTML 7Page - Mitel Networks Corporation ACE9040 Datasheet HTML 8Page - Mitel Networks Corporation ACE9040 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
ACE9030 is a combined radio interface circuit and twin
synthesiser, intended for use in a cellular telephone.
The radio interface section contains circuits to monitor
and control levels such as transmit power in the telephone,
circuits to demodulate the frequency modulated signal to
audio, and a crystal oscillator with a frequency multiplier.
The Main synthesiser has normal and fractional-N modes
both with optional speed-up to select the desired channel. The
Auxiliary synthesiser is used for the transmit-receive offset
and for modulation.
Both sections are controlled by a serial bus and have
software selected power saving modes for battery economy.
The circuit techniques used have been chosen to minimise
external components and at the same time give very high
performance.
Fig.1 Pin connections - top view
ORDERING INFORMATION
Industrial temperature range
TQFP 64 lead 10 x 10 mm, 0·5 mm pitch
ACE9030M/IW/FP1N - shipped in trays and dry packed
ACE9030M/IW/FP1Q - tape & reel and dry packed
TQFP 64 lead 7 x 7 mm, 0·4 mm pitch
ACE9030M/IW/FP2N - shipped in trays and dry packed
ACE9030M/IW/FP2Q - tape & reel and dry packed
APPLICATIONS
s AMPS and TACS Cellular Telephone
s Two-way Radio Systems
RELATED PRODUCTS
ACE9030 is part of the following chipset:
s ACE9020 Receiver and Transmitter Interface
s ACE9040 Audio Processor
s ACE9050 System Controller and Data Modem
VP64
FP64
FEATURES
s Low Power Low Voltage (3·6 to 5·0 V) Operation
s Serial Bus Controlled Power Down Modes
s Simple Programming Format
s Reference Crystal Oscillator
s Frequency Multiplier for LO2 Signal
s 8·064 MHz Output for External Microcontroller
s Main Synthesiser with Fractional-N Option
s Auxiliary Synthesiser
s Main Synthesiser Speed-up Options
s FM Discriminator for 450 kHz or 455 kHz I.F. Signal
s Radio System Control Interface
s Part of the ACE Integrated Cellular Phone Chipset
s TQFP 64 pin 0·4 mm and 0·5 mm pitch packages
Note: Pin 1 is identified by moulded spot
and by coding orientation
DOUT0
VDDX
DOUT1
VDDA
VSSA
LO2
ADC1
ADC3A
ADC3B
ADC5
DOUT8
DAC2
DAC1
DOUT2
CIN1
CIN2
MODMP
MODMIN
TEST
PDA
VDDSUB
DOUT3
DOUT4
AMPP2
AMPN2
DAC3
AMPP1
AMPN1
AMP01
ADC2A
ADC2B
ADC4
ACE9030
Fig. 2 ACE9030 Simplified Block Diagram
POLLING
ADC
BUS
INTERFACE
LOCK
DETECT
TWIN
SYNTHESISER
DIGITAL
OUTPUTS
CRYSTAL
MULTIPLIER
CRYSTAL
OSCILLATOR
8 MHz
PLL
TRIMMING
DACs
AFC
MIXER
AMP &
LIMITER
AUDIO
DEMOD.
−
+
−
+
L.F. AMPS
ACE9030
Radio Interface and Twin Synthesiser
Supersedes February 1997 edition, DS4288 - 1.4
DS4288 - 2.0 January 1998


Similar Part No. - ACE9040

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
ACE9040 MITEL-ACE9040 Datasheet
335Kb / 33P
Audio Processor Advance Information
More results

Similar Description - ACE9040

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
NJ8820 ZARLINK-NJ8820 Datasheet
493Kb / 11P
FREQUENCY SYNTHESISER (PROM INTERFACE)
NJ88C30 ZARLINK-NJ88C30 Datasheet
217Kb / 9P
VHF SYNTHESISER
NJ8821 ZARLINK-NJ8821 Datasheet
475Kb / 10P
FREQUENCY SYNTHESISER (MICROPROCESSOR INTERFACE) WITH RESETTABLE COUNTERS
NJ88C25 ZARLINK-NJ88C25 Datasheet
197Kb / 8P
FREQUENCY SYNTHESISER (MICROPROCESSOR SERIAL INTERFACE)
ZIF600 ZARLINK-ZIF600 Datasheet
229Kb / 9P
Pager Synthesiser and 4FSK Demodulator
logo
PMC-Sierra, Inc
PM7830 PMC-PM7830 Datasheet
123Kb / 2P
Baseband Radio Interface Controller
logo
General Electric Compan...
NJ8821 GEC-NJ8821 Datasheet
136Kb / 5P
FREQUENCY SYNTHESISER (MICROPROCESSOR INTERFACE) WITH RESETTABLE COUNTERS
logo
Zarlink Semiconductor I...
NJ88C21 ZARLINK-NJ88C21 Datasheet
476Kb / 8P
FREQUENCY SYNTHESISER (MICROPROCESSOR INTERFACE) WITH RESETTABLE COUNTERS
SP8858 ZARLINK-SP8858 Datasheet
547Kb / 21P
1쨌5GHz Professional Synthesiser
logo
List of Unclassifed Man...
TWC-78-1 ETC2-TWC-78-1 Datasheet
124Kb / 1P
CABLE, RADIO FREQUENCY, TWIN CONDUCTOR, BALANCED LINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com