Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9040 Datasheet(PDF) 22 Page - Mitel Networks Corporation

Part # ACE9040
Description  Radio Interface and Twin Synthesiser
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9040 Datasheet(HTML) 22 Page - Mitel Networks Corporation

Back Button ACE9040 Datasheet HTML 18Page - Mitel Networks Corporation ACE9040 Datasheet HTML 19Page - Mitel Networks Corporation ACE9040 Datasheet HTML 20Page - Mitel Networks Corporation ACE9040 Datasheet HTML 21Page - Mitel Networks Corporation ACE9040 Datasheet HTML 22Page - Mitel Networks Corporation ACE9040 Datasheet HTML 23Page - Mitel Networks Corporation ACE9040 Datasheet HTML 24Page - Mitel Networks Corporation ACE9040 Datasheet HTML 25Page - Mitel Networks Corporation ACE9040 Datasheet HTML 26Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
22
ACE9030
Fig. 19 F.M. Discriminator Example Timing Diagram
D
7, D6
D
M
Delay as
I.F.
Absolute Gain
Absolute Gain
Relative Gain
I.F. cycles
kHz
in
µV/Hz,
in
µV/Hz,
V
DD = 3·75 V.
V
DD = 4·85 V.
0, 0
2
39
2·742
450
45·7
59·1
1·8 dB
0, 0
2
39
2·363
450
39·4
50·9
0·5 dB
1, 0
3
40
4·266
455
70·3
90·9
5·6 dB
1, 0
3
40
3·677
455
60·6
78·4
4·3 dB
0, 1
3
37
3·252
450
54·2
70·1
3·3 dB
1, 1
2
38
2·251
455
37·1
48·0
0 dB
Table 5
phase effect of f.m. increases as more cycles are exam-
ined. The modulation lines are drawn as the phase change on
the real input waveform but the separation from the nominal
edge position can also be interpreted as the probability of a
whole cycle shift on the sampled version of the signal as in the
ACE9030.
Only six delay comparisons are shown, stepping across
at the sampling rate, but the effect of the pattern can easily be
seen by continuing the sequence, and two conclusions can be
drawn:
1) The output waveform is at twice the frequency of the input
- this is true for all delay-and-multiply schemes.
2) The output high time is modulated by the phase modulation
accumulated over the delay duration and the output period is
only modulated slightly by the instantaneous input phase
shifts so the effect is to modulate the duty cycle. Due to the
sampling of the I.F. input the modulation will really be
quantised so the width of the modulation box should be read
as a probability of a whole cycle shift in edge position rather
than as a phase shift but the effect is the same when averaged
over many cycles.
By converting the modulation from a phase shift to a duty
cycle all that is then needed to recover the original baseband
signal is to smooth the discriminator output to remove the
900 kHz sampling, leaving an analog signal proportional to the
original frequency deviation and to the delay length. The low-
pass filter in ACE9030 is first order and has its – 3 dB point at
approximately 70 to 80 kHz to significantly reduce the clock
level; the audio bandpass filter then further reduces this level
to give a cleaner audio output to drive the ACE9040 where it
is again filtered.
The demodulation gain can be determined by considering
the effects of a 1 kHz frequency offset on the input signal, and
using I.F. = 450 kHz and Delay = 2·742 cycles and
V
DD = 3·75 V in the example:
A 1 kHz frequency offset will give a phase change in the
I.F. signal, during each cycle, of 2
π x (1 kHz / I.F.) radians or
as a fraction of a cycle, (1 kHz / I.F.) which in this example is
1/450 of a cycle.
If the discriminator delay is measured in I.F. cycles the
change in output pulse width for each of the two output pulses
is: (Delay in cycles) x (phase change per cycle)
= Delay x (1 kHz / I.F.) in I.F. periods, which in this example
is 2·742 x 1/450 periods of 450 kHz, or 13·5 ns.
Output pulses occur at a rate of 2 x I.F., so the change in
output pulse width measured in output periods is 2 x (change
measured in I.F. periods), giving 2 x Delay x 1 kHz / I.F. The
duty cycle is defined as pulse width / period so the result is also
the change in duty cycle. For this example the change is 0·012.
The output is a logic signal so its amplitude is V
DD for all
settings and for all modulation, thus the final effect of a 1 kHz
offset is an output change of 2 x Delay x 1 kHz x V
DD / I.F. and
INPUT
ROLLING
PAIRS OF
SAMPLES
TO EX-OR
GATE FOR
COMPARISON
OUTPUT
2
NOMINAL CYCLES
3/4
2
NOMINAL CYCLES
3/4
2
NOMINAL CYCLES
3/4
2
NOMINAL CYCLES
3/4
2
NOMINAL CYCLES
3/4
2
NOMINAL CYCLES
3/4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com