Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9040 Datasheet(PDF) 31 Page - Mitel Networks Corporation

Part # ACE9040
Description  Radio Interface and Twin Synthesiser
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9040 Datasheet(HTML) 31 Page - Mitel Networks Corporation

Back Button ACE9040 Datasheet HTML 27Page - Mitel Networks Corporation ACE9040 Datasheet HTML 28Page - Mitel Networks Corporation ACE9040 Datasheet HTML 29Page - Mitel Networks Corporation ACE9040 Datasheet HTML 30Page - Mitel Networks Corporation ACE9040 Datasheet HTML 31Page - Mitel Networks Corporation ACE9040 Datasheet HTML 32Page - Mitel Networks Corporation ACE9040 Datasheet HTML 33Page - Mitel Networks Corporation ACE9040 Datasheet HTML 34Page - Mitel Networks Corporation ACE9040 Datasheet HTML 35Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
ACE9030
31
Increment
Accumulator
Division
( = NF )
value
Ratio
...previous values
35
N
TOT
3
0
& overflows
N
TOT + 1
33
N
TOT
36
N
TOT
3
1
& overflows
N
TOT + 1
34
N
TOT
37
N
TOT
3
2
& overflows
N
TOT + 1
35
N
TOT
3
0
& overflows
N
TOT + 1
and so on...
and in this case the phase error increases in the opposite
direction each cycle by:
This phase error gives an unwanted correction pulse on
the Ø
UP output, as the VCO frequency is too low for the division
ratio in use.
Any phase can be considered to be the locked condition
so to simplify later calculations the phase given by a
÷ (NTOT
+ 1) cycle which leaves 000 in the accumulator will be chosen
as the locked state and compensation will be added to achieve
this. Only unwanted Ø
DOWN outputs then need to be removed
by cancellation and also that the total phase error in any cycle,
based on formula (2), is given by replacing F, the fraction
required, by the current sum of fractions, which is the value of
the accumulator ACC divided by the modulus in use. This
replacement is clearly valid if the state of the accumulator is
considered when starting from a zero value and then adding
the fractional count each cycle until an overflow is reached;
when starting from a non-zero value there is some residual
phase error from the overflow state so the accumulator still
gives the correct phase error. Thus the phase error needing
correction on the loop filter is:
This error could be cancelled by a phase shift on the
comparison clock from the reference divider but this is very
difficult in practice so the method used in ACE9030 is to add
an extra charge pump to the loop filter to directly cancel the
pulse given by the normal charge pump due to this phase
error. The current given by the proportional charge pump is
Iprop(0) in normal mode or Iprop(1) in speed-up mode so
taking normal mode first the charge that must be cancelled is:
This formula could be used as it stands but the circuit can
be simplified if it is recalled that Iprop(0) depends on the CN
value so that loop dynamics are kept constant over a wide
range of frequencies by changing CN in proportion to the total
division ratio N
TOT. In those systems where CN is held constant
the synthesiser is in effect considered to be operating over a
narrow frequency band so N
TOT
can also be considered
constant and the following calculations still apply. The value of
Iprop(0) is set by a DAC in ACE9030 from the reference
current Ibo so that:
and the value of CN tracks N
TOT with a scaling factor SF such
that:
putting both of these equations into formula (5) gives the
charge to be cancelled as:
NF is the fraction set in Word A or A2
MOD is the modulus, 5 or 8
disturbed by the variations in division ratio but there is still
some frequency modulation given by the Fractional-N opera-
tion. The simplest way to remove this ripple on the synthesiser
is to use a lower bandwidth loop filter but this also removes all
of the advantage of fast channel change when using Frac-
tional-N, so the method used in ACE9030 is to calculate the
waveform of the ripple and then inject a compensation signal
onto the loop filter.
Fractional-N Compensation
If the Fractional-N system is operating correctly the
synthesiser sets the VCO frequency so that:
where F is the fraction given by:
The total division alternates between N
TOT and NTOT + 1 so
the frequency seen at the phase comparator will also alter-
nate. This divided signal f
FRACN is compared with the uniform
comparison frequency f
COMP and will give a phase error due to
the different periods. There will also be some phase error due
to leakage on the loop filter, leading to some correction pulses
on the charge pumps to maintain lock, but these will be very
small in a well designed synthesiser once the loop is locked,
so can be ignored here. For each
÷ (N
TOT) cycle:
and so the phase error increases each cycle by:
This phase error gives an unwanted correction pulse on
the Ø
DOWN output as the VCO frequency is too high for the
division ratio in use. The phase error increases as
÷ N
TOT
cycles follow each other until eventually the accumulator
overflows and causes a
÷ (N
TOT + 1) cycle.
For each
÷ (N
TOT + 1) cycle:
Table 7
x (fCOMP Period) .... (2)
NTOT
F
fVCO = fCOMP x (NTOT + F) .... (1)
MOD
NF
F =
fFRANC = fCOMP x
NTOT + 1
NTOT + F
fFRANC = fCOMP x
=
fCOMP x 1+
NTOT
NTOT + F
NTOT
NTOT + F
(
)
x (fCOMP Period) .... (3)
(NTOT + 1)
(F - 1)
Phase error =
x (fCOMP Period) .... (4)
NTOT x MOD
ACC
Iprop (0) = CN x Ibo .... (6)
CN = SF x NTOT
Charge =
x (fCOMP Period) x Ibo .... (7)
MOD
ACC x SF
x (fCOMP Period) x Iprop (0) .... (5)
NTOT x MOD
ACC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com