Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5842AP Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # SM5842AP
Description  High-Class Audio Multi-function Digital Filter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5842AP Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button SM5842AP Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 12Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
SM5842AP/APT
NIPPON PRECISION CIRCUITS—8
Serial input timing (
BCKI, DI, DIL, DIR, LRCI)
SM5842AP: VDD = 4.75 to 5.25 V, VSS = 0 V, Ta = −20 to 80 °C
SM5842APT: VDD = 4.75 to 5.25 V, VSS = 0 V, Ta = −20 to 70 °C
Reset timing (RSTN)
SM5842AP: VDD = 4.75 to 5.25 V, VSS = 0 V, Ta = −20 to 80 °C
SM5842APT: VDD = 4.75 to 5.25 V, VSS = 0 V, Ta = −20 to 70 °C
Parameter
Symbol
Rating
Unit
min
typ
max
BCKI HIGH-level pulsewidth
tBCWH
50
–
–
ns
BCKI LOW-level pulsewidth
tBCWL
50
–
–
ns
BCKI pulse cycle
tBCY
100
–
–
ns
DIN setup time
tDS
50
–
–
ns
DIN hold time
tDH
50
–
–
ns
Last BCKI rising edge to LRCI edge
tBL
50
–
–
ns
LRCI edge to first BCKI rising edge
tLB
50
–
–
ns
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
RST LOW-level reset pulsewidth
tRST
At power-ON
1
–
–
µs
At all other times
50
–
–
ns
LRCI
1.5V
BCKI
tBCY
tBCWH
tBCWL
tDS
tDH
tBL
tLB
DI
DIL
DIR
1.5V
1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com