Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5842AP Datasheet(PDF) 13 Page - Nippon Precision Circuits Inc

Part # SM5842AP
Description  High-Class Audio Multi-function Digital Filter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5842AP Datasheet(HTML) 13 Page - Nippon Precision Circuits Inc

Back Button SM5842AP Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 17Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
SM5842AP/APT
NIPPON PRECISION CIRCUITS—13
Soft Muting
Muting of the left and right channel is controlled
independently by MUTEL and MUTER, respec-
tively. Muting is ON when MUTEL/MUTER is
HIGH, muting is OFF when MUTEL/MUTER is
LOW.
When MUTEL/MUTER goes HIGH, the attenuation
changes smoothly from 0 to
−∞ dB in 512/fs, or
approximately 11.6 ms when fs = 44.1 kHz. When
MUTEL/MUTER goes LOW, muting is released and
the attenuation changes smoothly from
−∞ to 0 dB,
again taking approximately 11.6 ms.
When RSTN goes LOW, the DOL and DOR outputs
go LOW, immediately muting the output signal.
Muting is released and timing is synchronized when
RSTN goes HIGH.
System Clock (XTI, XTO, CKO, CKSLN)
Two system clock frequencies, 384fs and 256fs, can
be used. An external clock source can be input on
XTI, or a crystal oscillator can be constructed by
connecting a crystal between XTI and XTO. The
system clock is also buffered and then output on
CKO. The system clock frequency selection and the
internal clock frequency are shown in table 2.
Table 2. System clock frequency select
Parameter
CKSLN
HIGH
LOW
XTI input clock frequency (fXI = 1/tXI)
384fs
256fs
CKO clock frequency
384fs
256fs
Internal clock frequency (tSYS)2 × tXI
tXI
Figure 2. Clock generator circuit
CKSLN
XTI
XTO
CKO
1 / 2
Internal system clock
(192fs or 256fs)
To timing controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com