Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5842AP Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM5842AP
Description  High-Class Audio Multi-function Digital Filter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5842AP Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM5842AP Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
SM5842AP/APT
NIPPON PRECISION CIRCUITS—1
NIPPON PRECISION CIRCUITS INC.
High-Class Audio Multi-function Digital Filter
OVERVIEW
The SM5842AP/APT is a multi-function digital filter
IC,
fabricated
using
NPC’s
Molybdenum-gate
CMOS process, for digital audio reproduction equip-
ment. It features 8-times oversampling (interpola-
tion), independent left and right-channel digital
deemphasis, and soft muting functions. It accepts 16,
18, 20 or 24-bit input data, and outputs data in 18,
20, 22 or 24-bit format. It operates using either a
384fs or 256fs system clock at sampling frequencies
up to 48 kHz + 10% (384fs SM5842AP, 384/256fs
SM5842APT).
FEATURES
Functions
s
L/R 2-channel processing
s
8-times oversampling (interpolation)
•
≤ ±0.00002 dB passband ripple
•
≥ 117 dB stopband attenuation
s
Digital deemphasis
• 32/44.1/48 kHz sampling frequency (fs)
• 2-channel independent ON/OFF control
s
Soft muting
• 2-channel independent ON/OFF control
s
Input data format
• 2s complement, MSB first
- LR alternating, 16/18/20/24-bit serial, trail-
ing data
- LR alternating, 24-bit serial, leading data
- LR simultaneous, 24-bit serial, leading data
s
Output data format
• 2s complement, MSB first, LR simultaneous
• 18/20/22/24-bit serial
• BCKO burst (NPC format)
s
Dither round-up processing
• ON (dither rounding)/OFF (normal rounding)
control
s
25-bit internal data length
s
Jitter-free function for correct operation in the
presence of jitter between the system clock and
LRCI clock
• ON (jitter-free mode)/OFF (sync mode) control
s
256fs/384fs system clock selectable
• 384fs
- 21.2 MHz maximum frequency (at maximum
fs = 55.2 kHz)
• 256fs
- 13 MHz maximum frequency (at maximum
fs = 50.7 kHz, SM5842AP)
- 14.2 MHz maximum frequency (at maximum
fs = 55.2 kHz, SM5842APT)
s
Crystal oscillator circuit built-in
s
TTL-compatible input/outputs
s
5.0 ± 0.25 V supply
s
Molybdenum-gate CMOS process
s
28-pin plastic DIP
Filter Configuration
s
Linear phase 3-stage FIR interpolation filter
• 169-tap 1st stage (fs to 2fs)
• 29-tap 2nd stage (2fs to 4fs)
• 17-tap 3rd stage (4fs to 8fs)
s
Deemphasis filter
- IIR filter configuration for accurate gain and
phase characteristics
s
26
× 24-bit parallel multiplier/32-bit accumulator
for high precision
s
Overflow limiter built-in
APPLICATIONS
s
CD players
s
DAT players
s
PCM systems
PINOUT
MUTEL
INF1N
IW2N / DIR
BCKI
DI / INF2N
LRCI
XTI
DOL
XTO
BCKO
1
15
14
CKSLN
VSS
RSTN
CKO
OW1N
OW2N
SYNCN
WCKO
DOR
IW1N / DIL
VDD
DITHN
DG
MUTER
FSEL2
FSEL1
DEMPL
DEMPR
28


Similar Part No. - SM5842AP

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5840A NPC-SM5840A Datasheet
5Mb / 28P
For Digital Audio Multi-function Digital Filter
SM5840B NPC-SM5840B Datasheet
5Mb / 28P
For Digital Audio Multi-function Digital Filter
SM5840FP NPC-SM5840FP Datasheet
1Mb / 14P
AUDIO MULTI-FUNCTION DIGITAL FILTER
SM5840FS NPC-SM5840FS Datasheet
1Mb / 14P
AUDIO MULTI-FUNCTION DIGITAL FILTER
SM5840JP NPC-SM5840JP Datasheet
549Kb / 18P
Audio Multi-function Digital Filter
More results

Similar Description - SM5842AP

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5803AP NPC-SM5803AP Datasheet
1Mb / 16P
Multi-function Digital Filter for Digital Audio
SM5840A NPC-SM5840A Datasheet
5Mb / 28P
For Digital Audio Multi-function Digital Filter
SM5840FS NPC-SM5840FS Datasheet
1Mb / 14P
AUDIO MULTI-FUNCTION DIGITAL FILTER
SM5840JP NPC-SM5840JP Datasheet
549Kb / 18P
Audio Multi-function Digital Filter
SM5841A NPC-SM5841A Datasheet
750Kb / 27P
Audio Multi-function Digital Filter
SM5841C NPC-SM5841C Datasheet
460Kb / 16P
Audio Multi-function Digital Filter
SM5841D NPC-SM5841D Datasheet
601Kb / 21P
Audio Multi-function Digital Filter
SM5841H NPC-SM5841H Datasheet
167Kb / 20P
Audio Multi-function Digital Filter
SM5843A NPC-SM5843A Datasheet
263Kb / 24P
Audio Multi-function Digital Filter
SM5847AF NPC-SM5847AF Datasheet
337Kb / 30P
High-fidelity Digital Audio, Multi-function Digital Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com